Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485E Datasheet (PDF) - STMicroelectronics

ST3485E Datasheet PDF - STMicroelectronics
Part # ST3485E
Download  ST3485E Download
File Size   361.0 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER

ST3485E Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3485E Datasheet PDF - STMicroelectronics

Part # ST3485E
Download  ST3485E Click to download

File Size   361.0 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER

ST3485E Datasheet (HTML) - STMicroelectronics


ST3485E Product details

Description

The ST3485E is ±15kV ESD protected, 3.3V low power transceiver for RS-485 and RS-422 communications. The device contains one driver and one receiver in half duplex configuration. The ST3485E transmits and receives at a guaranteed data rate of at least 12Mbps.



General features

■ ESD protection

  – ±15kV human body model

  – ±8kV IEC 1000-4-2 contact discharge

■ Operate from a single 3.3V supply - no charge pump required

■ Interoperable with 5V logic

■ 1µA low current shutdown mode max

■ Guaranteed 12Mbps data rate

■ -7 to 12 common mode input voltage range

■ Half duplex versions available

■ Industry standard 75176 pinout

■ Current limiting and thermal shutdown for driver overload protection

■ Guaranteed high receiver output state for floating inputs with no signal present

■ Allow up to 64 transceivers on the bus



 




Similar Part No. - ST3485E

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
ST3485E UMW-ST3485E Datasheet
1Mb / 12P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
441Kb / 24P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
More results


Similar Description - ST3485E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
-15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
logo
STMicroelectronics
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
06-Apr-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com