Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485E Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3485E
Description  3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485E Datasheet(HTML) 4 Page - STMicroelectronics

  ST3485E Datasheet HTML 1Page - STMicroelectronics ST3485E Datasheet HTML 2Page - STMicroelectronics ST3485E Datasheet HTML 3Page - STMicroelectronics ST3485E Datasheet HTML 4Page - STMicroelectronics ST3485E Datasheet HTML 5Page - STMicroelectronics ST3485E Datasheet HTML 6Page - STMicroelectronics ST3485E Datasheet HTML 7Page - STMicroelectronics ST3485E Datasheet HTML 8Page - STMicroelectronics ST3485E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ST3485E
4/16
TRANSMITTER ELECTRICAL CHARACTERISTICS
VCC =3V to 3.6V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to Ta =25°C)
RECEIVER ELECTRICAL CHARACTERISTICS
VCC =3V to 3.6V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to Ta =25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOD
Differential Drive Output
RL= 100Ω (RS-422) (Figure 1)
2
V
RL=54Ω (RS-485) (Figure 1)
1.5
V
RL=60Ω (RS-485) (Figure 2)
1.5
V
∆V
OD
Change in magnitude of
Driver Differential Output
Voltage for Complementary
Output States (Note1)
RL=54Ω or 100Ω (Figure 1)
0.2
V
VOC
Driver Common Mode
Output Voltage
RL=54Ω or 100Ω (Figure 1)
3
V
∆V
OC
Change in magnitude of
Driver Common Mode
Output Voltage (Note1)
RL=54Ω or 100Ω (Figure 1)
0.2
V
IOSD
Driver Short Circuit Output
Current
± 250
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTH
Receiver Differential
Threshold Voltage
VCM = -7V to 12V, DE = 0
-0.2
-0.015
V
∆V
TH
Receiver Input Hysteresis
VCM =0V
30
V
VOH
Receiver Output High
Voltage
IOUT = -4mA, VID = 200mV, (Figures 8,9)
2
V
VOL
Receiver Output Low
Voltage
IOUT = 4mA, VID = -200mV, (Figure 3)
0.4
V
IOZR
3-State (High Impedance)
Output Current at Receiver
VCC = 3.6V VO =0V toVCC
± 1
µA
RRIN
Receiver Input Resistance
VCM = -7V to 12V
24
K
IOSR
Receiver Short-Circuit
Current
VRO =0V toVCC
760
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com