Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485E Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST3485E
Description  3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485E Datasheet(HTML) 5 Page - STMicroelectronics

  ST3485E Datasheet HTML 1Page - STMicroelectronics ST3485E Datasheet HTML 2Page - STMicroelectronics ST3485E Datasheet HTML 3Page - STMicroelectronics ST3485E Datasheet HTML 4Page - STMicroelectronics ST3485E Datasheet HTML 5Page - STMicroelectronics ST3485E Datasheet HTML 6Page - STMicroelectronics ST3485E Datasheet HTML 7Page - STMicroelectronics ST3485E Datasheet HTML 8Page - STMicroelectronics ST3485E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ST3485E
5/16
DRIVER SWITCHING CHARACTERISTICS
VCC =3V to 3.6V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to Ta =25°C)
RECEIVER SWITCHING CHARACTERISTICS
VCC =3V to 3.6V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to Ta = 25°C)
Note 1:
∆V
OD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 2: measured on |tPLH(A)-tPHL(A)| and |tPLH(B)-tPHL(B)|
Note 3: The transceivers are put into shutdown by bring RE high and DE low. If the input are in state for less than 80ns, the part are guaren-
teed not to enter shutdown. If the inputs are in this state for at least 300ns, the parts are guarenteed to have entered shutdown.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DR
Maximum Data Rate
12
15
Mbps
tDD
Differential Output Delay
RL=60Ω
CL = 15pF, (Figures 4,5)
18
30
ns
tTD
Differential Output
Transition Time
RL=60Ω
CL = 15pF, (Figures 4,5)
12
20
ns
tPLH
tPHL
Propagation Delay
RL=27Ω
CL = 15pF, (Figures 8,9)
18
30
ns
tPDS
|tPLH - tPHL| Propagation
Delay Skew (Note2)
RL=27Ω
CL = 15pF, (Figures 8,9)
2
5
ns
tPZL
Output Enable Time
RL=110Ω
(Figures 10,11)
19
35
ns
tPZH
Output Enable Time
RL=110Ω
(Figures 6,7)
30
50
ns
tPHZ
Output Disable Time
RL=110Ω
(Figures 6,7)
19
35
ns
tPLZ
Output Disable Time
RL=110Ω
(Figures 10,11)
30
50
ns
tSKEW
Differential Output Delay
Skew
13
ns
tZH(SHDN) Driver Enable from
Shutdown to Output High
30
50
ns
tZL(SHDN) Driver Enable from
Shutdown to Output Low
19
35
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation Delay
VID =0V to 3V CL1 = 15pF, (Figures 12,13)
30
50
ns
tRPDS
|tPLH - tPHL| Propagation
Delay Skew
VID =0V to 3V CL1 = 15pF, (Figures 12,13)
1
3
ns
tPZL
Output Enable Time
CRL = 15pF (Figures 14-18)
10
20
ns
tPZH
Output Enable Time
CRL = 15pF (Figures 14-18)
10
20
ns
tPHZ
Output Disable Time
CRL = 15pF (Figures 14-18)
10
20
ns
tPLZ
Output Disable Time
CRL = 15pF (Figures 14-18)
10
20
ns
tZH(SHDN) Receiver Enable from
Shutdown to Output High
CRL = 15pF (Figures 14-18)
10
20
ns
tZL(SHDN) Receiver Enable from
Shutdown to Output Low
CRL = 15pF (Figures 14-18)
20
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com