Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485E Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST3485E
Description  3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485E Datasheet(HTML) 2 Page - STMicroelectronics

  ST3485E Datasheet HTML 1Page - STMicroelectronics ST3485E Datasheet HTML 2Page - STMicroelectronics ST3485E Datasheet HTML 3Page - STMicroelectronics ST3485E Datasheet HTML 4Page - STMicroelectronics ST3485E Datasheet HTML 5Page - STMicroelectronics ST3485E Datasheet HTML 6Page - STMicroelectronics ST3485E Datasheet HTML 7Page - STMicroelectronics ST3485E Datasheet HTML 8Page - STMicroelectronics ST3485E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ST3485E
2/16
PIN CONFIGURATION
PIN DESCRIPTION
TRUTH TABLE (DRIVER)
X= Don’t Care; Z=High Impedance
TRUTH TABLE (RECEIVER)
X= Don’t Care; Z=High Impedance
PlN N°
SYMBOL
NAME AND FUNCTION
1RO
Receiver Output. If A>B by 200mV, RO will be high; if A<B by 200mV, RO will be
low
2RE
Receiver Output Enable. RO is enabled when RE is low; RO is high impedance
when RE is high. If RE is high and DE is low, the device will enter a low power
shutdown mode.
3DE
Driver Output Enable. The driver outputs are enabled by bringing DE high. They
are high impedance when DE is low. If RE is high DE is low, the device will enter a
low-power shutdown mode. If the driver outputs are enabled, the part functions as
line driver, while they are high impedance, it functions as line receivers if RE is
low.
4DI
Driver Input. A low on DI forces output A low and output B high. Similarly, a high
on DI forces output A high and output B low
5
GND
Ground
6
A
Non-inverting Receiver Input and Non-inverting Driver Output
7
B
Inverting Receiver Input and Inverting Driver Output
8
VCC
Supply Voltage: VCC= 3V to 3.6V
INPUTS
OUTPUTS
MODE
RE
DE
DI
B
A
X
H
H
L
H
Normal
X
H
L
H
L
Normal
L
L
X
Z
Z
Normal
H
L
X
Z
Z
Shutdown
INPUTS
OUTPUT
MODE
RE DE
A-B
RO
LL
≥ -0.015V
H
Normal
LL
≤ -0.2V
L
Normal
L
L
Inputs Open
H
Normal
L
L
Inputs Shorted
H
Normal
H
L
X
Z
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com