Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3485E
Description  3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485E Datasheet(HTML) 1 Page - STMicroelectronics

  ST3485E Datasheet HTML 1Page - STMicroelectronics ST3485E Datasheet HTML 2Page - STMicroelectronics ST3485E Datasheet HTML 3Page - STMicroelectronics ST3485E Datasheet HTML 4Page - STMicroelectronics ST3485E Datasheet HTML 5Page - STMicroelectronics ST3485E Datasheet HTML 6Page - STMicroelectronics ST3485E Datasheet HTML 7Page - STMicroelectronics ST3485E Datasheet HTML 8Page - STMicroelectronics ST3485E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
October 2002
s
ESD PROTECTION:
±15KV HUMAN BODY MODEL
±8KV IEC 1000-4-2 CONTACT DISCHARGE
s
OPERATE FROM A SINGLE 3.3V SUPPLY -
NO CHARGE PUMP REQUIRED
s
INTEROPERABLE WITH 5V LOGIC
s
1
µA LOW CURRENT SHUTDOWN MODE
MAX
s
GUARANTEED 12 Mbps DATA RATE
s
-7 TO 12 COMMON MODE INPUT VOLTAGE
RANGE
s
HALF DUPLEX VERSIONS AVAILABLE
s
INDUSTRY STANDARD 75176 PINOUT
s
CURRENT LIMITING AND THERMAL
SHUTDOWN FOR DRIVER OVERLOAD
PROTECTION
s
GUARANTEED HIGH RECEIVER OUTPUT
STATE FOR FLOATING INPUTS WITH NO
SIGNAL PRESENT
s
ALLOW UP TO 64 TRANSCEIVERS ON THE
BUS
DESCRIPTION
The ST3485E is ±15kV ESD protected, 3.3V low
power
transceiver
for
RS-485
and
RS-422
communications. The device contains one driver
and one receiver in half duplex configuration. The
ST3485E transmit and receive at guaranteed data
rate at least to 12Mbps.
All transmitter outputs and receiver inputs are
protected to ±15kV using Human Body Model.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that place the driver
outputs into a high-impedance state.
The ST3485E input has a true fail-safe feature
that guarantees a logic high output if both inputs
are open circuit, shorted together or in presence of
the termination with no signal on the bus.
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST3485ECN
0 to 70 °C
DIP-8
50parts per tube / 40tube per box
ST3485EBN
-40 to 85 °C
DIP-8
50parts per tube / 40tube per box
ST3485ECD
0 to 70 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST3485EBD
-40 to 85 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST3485ECDR
0 to 70 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST3485EBDR
-40 to 85 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST3485E
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT
UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
DIP
SOP


Similar Part No. - ST3485E

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
ST3485E UMW-ST3485E Datasheet
1Mb / 12P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
441Kb / 24P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
More results

Similar Description - ST3485E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
-15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
logo
STMicroelectronics
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
06-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com