Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485E Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3485E
Description  3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485E Datasheet(HTML) 3 Page - STMicroelectronics

  ST3485E Datasheet HTML 1Page - STMicroelectronics ST3485E Datasheet HTML 2Page - STMicroelectronics ST3485E Datasheet HTML 3Page - STMicroelectronics ST3485E Datasheet HTML 4Page - STMicroelectronics ST3485E Datasheet HTML 5Page - STMicroelectronics ST3485E Datasheet HTML 6Page - STMicroelectronics ST3485E Datasheet HTML 7Page - STMicroelectronics ST3485E Datasheet HTML 8Page - STMicroelectronics ST3485E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ST3485E
3/16
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
ESD PERFORMANCE: TRANSMITTER OUTPUTS, RECEIVER INPUTS
ELECTRICAL CHARACTERISTICS
VCC =3V to3.6V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to TA = 25°C)
LOGIC INPUT ELECTRICAL CHARACTERISTICS
VCC =3V to3.6V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to TA = 25°C)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7V
VI
Control Input Voltage (RE,DE)
-0.3 to 7
V
VDI
Driver Input Voltage (DI)
-0.3 to 7
V
VDO
Driver Output Voltage (A, B)
-7.5 to 12.5
V
VRI
Receiver Input Voltage (A, B)
-7.5 to 12.5
V
VRO
Receiver Output Voltage (RO)
-0.3 to (VCC + 0.3)
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ESD
ESD Protection Voltage
Human Body Model
± 15
KV
ESD
ESD Protection Voltage
IEC-1000-4-2 Contact Disharge
± 8KV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISUPPLY VCC Power Supply Current
No Load, DI=0V or VCC
DE=VCC,
RE=0V or VCC
1.3
2.2
mA
DE=0V,
RE=0V
1.2
1.9
mA
ISHDN
Shutdown Supply Current
DE=0V, RE=VCC, DI=0V or VCC
0.002
1
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Logic Threshold Low
DE, DI, RE
1.3
0.8
V
VIH
Input Logic Threshold High
DE, DI, RE
2
V
IIN1
Logic Input Current
DE, DI, RE
± 2.0
µA
IIN2
Input Current (A, B)
DE=0V, VCC= 0 or 3.6V
VIN=12V
1
mA
VIN=-7V
-0.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com