Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480US Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST1480US
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480US Datasheet(HTML) 2 Page - STMicroelectronics

  ST1480US Datasheet HTML 1Page - STMicroelectronics ST1480US Datasheet HTML 2Page - STMicroelectronics ST1480US Datasheet HTML 3Page - STMicroelectronics ST1480US Datasheet HTML 4Page - STMicroelectronics ST1480US Datasheet HTML 5Page - STMicroelectronics ST1480US Datasheet HTML 6Page - STMicroelectronics ST1480US Datasheet HTML 7Page - STMicroelectronics ST1480US Datasheet HTML 8Page - STMicroelectronics ST1480US Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1
Pin configuration
Figure 1. Pin connections
Table 1. Pin description
Pin Symbol
Name and function
1
RO
Receiver output. If A>B by 200 mV, RO is high; if A< B by 200 mV, RO is low.
2
RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high. If RE is high
and DE is low, the device enters a low power shutdown mode.
3
DE
Driver output enable. The driver outputs are enabled by bringing DE high. They are high impedance when DE
is low. If RE is high DE is low, the device enters a low-power shutdown mode. If the driver outputs are enabled,
the part functions as line driver, while they are high impedance, it functions as line receivers if RE is low.
4
DI
Driver input. A low on DI forces output A low and output B high. Similarly, a high on DI forces output A high and
output B low.
5
GND
Ground
6
A
Non-inverting receiver input and non-inverting driver output.
7
B
Inverting receiver input and inverting driver output.
8
VCC
Supply voltage: VCC=3 V to 3.6 V.
ST1480US
Pin configuration
DS13697 - Rev 1
page 2/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com