Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480US Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1480US
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480US Datasheet(HTML) 5 Page - STMicroelectronics

  ST1480US Datasheet HTML 1Page - STMicroelectronics ST1480US Datasheet HTML 2Page - STMicroelectronics ST1480US Datasheet HTML 3Page - STMicroelectronics ST1480US Datasheet HTML 4Page - STMicroelectronics ST1480US Datasheet HTML 5Page - STMicroelectronics ST1480US Datasheet HTML 6Page - STMicroelectronics ST1480US Datasheet HTML 7Page - STMicroelectronics ST1480US Datasheet HTML 8Page - STMicroelectronics ST1480US Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
4
Electrical characteristics
VCC = 3 V to 3.6 V, TA = -40 to 85 °C, unless otherwise specified. Typical values are referred to TA = 25 °C).
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISUPPLY VCC power supply current
No Load,
DI = 0 V or VCC
DE = VCC, RE = 0 V or VCC
1.3
2.2
mA
DE=0 V, RE=0 V
1.2
1.9
mA
ISHDN
Shutdown supply current
DE = 0 V, RE = VCC, DI = 0 V or VCC
0.002
1
µA
Table 5. Logic input electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input logic threshold low
DE, DI, RE
0.8
V
VIH
Input logic threshold high
DE, DI, RE
2
V
IIN1
Logic input current
DE, DI, RE
±2.0
µA
IIN2
Input current (A, B)
DE=0 V, VCC=0 or 3.6 V
VIN = 12 V
1
mA
VIN = -7 V
-0.8
mA
Table 6. Transmitter electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VOD
Differential drive output
RL= 100 Ω (RS-422) (Figure 1. Pin
connections)
2
V
RL= 54 Ω (RS-485) (Figure 1. Pin connections) 1.5
V
RL= 60 Ω (RS-485) (Figure 2. Driver and VOC
test load)
1.5
V
ΔVOD
Change in magnitude of driver differential
output voltage for complementary output
states (1)
RL= 54 Ω or 100 Ω (Figure 1. Pin connections)
0.2
V
VOC
Driver common mode output voltage
RL= 54 Ω or 100 Ω (Figure 1. Pin connections)
3
V
ΔVOC
Change in magnitude of driver common
mode output voltage(1)
RL= 54 Ω or 100 Ω (Figure 1. Pin connections)
0.2
V
IOSD
Driver short-circuit output current
±250 mA
1. ΔVOD and ΔVOC are the changes in VOD and VOC, respectively, when the DI input changes state.
ST1480US
Electrical characteristics
DS13697 - Rev 1
page 5/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com