Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480US Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1480US
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480US Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1480US Datasheet HTML 6Page - STMicroelectronics ST1480US Datasheet HTML 7Page - STMicroelectronics ST1480US Datasheet HTML 8Page - STMicroelectronics ST1480US Datasheet HTML 9Page - STMicroelectronics ST1480US Datasheet HTML 10Page - STMicroelectronics ST1480US Datasheet HTML 11Page - STMicroelectronics ST1480US Datasheet HTML 12Page - STMicroelectronics ST1480US Datasheet HTML 13Page - STMicroelectronics ST1480US Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Figure 8. Drive enable and disable times waveforms
Figure 9. Drive propagation time test circuit
Figure 10. Drive propagation time waveform
ST1480US
Test circuits and typical characteristics
DS13697 - Rev 1
page 10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com