Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485EC Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST3485EC
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485EC Datasheet(HTML) 5 Page - STMicroelectronics

  ST3485EC Datasheet HTML 1Page - STMicroelectronics ST3485EC Datasheet HTML 2Page - STMicroelectronics ST3485EC Datasheet HTML 3Page - STMicroelectronics ST3485EC Datasheet HTML 4Page - STMicroelectronics ST3485EC Datasheet HTML 5Page - STMicroelectronics ST3485EC Datasheet HTML 6Page - STMicroelectronics ST3485EC Datasheet HTML 7Page - STMicroelectronics ST3485EC Datasheet HTML 8Page - STMicroelectronics ST3485EC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ST3485EB, ST3485EC, ST3485EI, ST3485EIY
Maximum ratings
DocID9102 Rev 11
5/24
3
Maximum ratings
Absolute maximum ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied.
Table 5: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
7
V
VI
Control input voltage ( RE , DE)
-0.3 to 7
VDI
Driver input voltage (DI)
-0.3 to 7
VDO
Driver output voltage (A, B)
±14
VRI
Receiver input voltage (A, B)
±14
VRO
Receiver output voltage (RO)
-0.3 to (VCC + 0.3)
ESD
HBM: human body model for the line inputs
(A and B) (1)
12
kV
HBM: human body model for the logic
inputs (DI, DE, RE ) (1)
4
HBM: human body model for all other pins
(1)
2
CDM: charged device model (2)
1.5
Notes:
(1)Human body model: 100 pF discharged through a 1.5 kΩ resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
(2)Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com