Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485EC Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3485EC
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485EC Datasheet(HTML) 4 Page - STMicroelectronics

  ST3485EC Datasheet HTML 1Page - STMicroelectronics ST3485EC Datasheet HTML 2Page - STMicroelectronics ST3485EC Datasheet HTML 3Page - STMicroelectronics ST3485EC Datasheet HTML 4Page - STMicroelectronics ST3485EC Datasheet HTML 5Page - STMicroelectronics ST3485EC Datasheet HTML 6Page - STMicroelectronics ST3485EC Datasheet HTML 7Page - STMicroelectronics ST3485EC Datasheet HTML 8Page - STMicroelectronics ST3485EC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Truth tables
ST3485EB, ST3485EC, ST3485EI, ST3485EIY
4/24
DocID9102 Rev 11
2
Truth tables
Table 3: Truth table (driver)
Inputs
Outputs
Mode
RE
DE
DI
B
A
X
H
H
L
H
Normal
L
H
L
L
L
X
Z
Z
H
Shutdown
Note:
X = “don’t care”; Z = high impedance
Table 4: Truth table (receiver)
Inputs
Output
Mode
RE
DE
A-B
RO
L
L
≥ 0.2 V
H
Normal
≤ -0.2 V
L
Inputs open
H
H
X
Z
Shutdown
Note:
X = “don’t care”; Z = high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com