Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0B Datasheet(PDF) 2 Page - STMicroelectronics

Part # STSPIN32F0B
Description  Compact reference design for low voltage brushless power tools based on STSPIN32F0B
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0B Datasheet(HTML) 2 Page - STMicroelectronics

  STSPIN32F0B Datasheet HTML 1Page - STMicroelectronics STSPIN32F0B Datasheet HTML 2Page - STMicroelectronics STSPIN32F0B Datasheet HTML 3Page - STMicroelectronics STSPIN32F0B Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Schematic diagrams
Figure 1. STEVAL-PTOOL1V1 schematic diagram
C12
3
R3110R
R14
Fiducial
1N4148WS
D7
R111k
TP6
OUTU
34
1
PC14
Q6
NP
4
GLSU
Fiducial
R1510k
R9
10k
100n
1
SHSW
4
D
TP1
Fiducial
D10
D13
OP1N
5
100p
Fiducial
11
PA1
ISNSN
TP2
100p
D5
J3
STRIP 2x10
TH P_2.54mm 2 rows 20 pins header
NOT POPULATED
J5
R5
R334.7k
1N4148WS
VBOOTU
R28
R1710k
R4
3
1
1
J4
R101k
BAT30
FIDUCIAL3
R181k
J7
MH1
STPS0560Z
100p
BAT30
PA4
2
D20
GLSV
PA0
10k
BAT30
4.7u
D
SHSV
HSW
Q7
R3210R
R22
OUTU
Q5
OP1P
D1
PA2
10k
GHSW
4.7u
FIDUCIAL1
PA7
PC15
3
10u
TP3
2
D18
D
OCCOMP
D4
1N4148WS
R21
33
35
0.001R
U1
C20
1
Fiducial
1
GLSV
2
OUTW
SHSV
MH3
1
VHALL
R2456R
R20
D17
D14
Q4
Fiducial
C4
R26
TP4
GLSW
R3556R
R6
Fiducial
C5
PA1
VBAT
GLSU
VM
Q1
R8
100k
HSV
Q3
Q2
2.2k
D11
D8
NP
D16
12
NP
R2356R
C171000n
J1
2
100k
SHSU
C14
1
SWD connector
1
VDD
J6
100k
C22
32
OUTV
30
4
D12
R190R
FIDUCIAL2
SHSU
GLSW
FIDUCIAL6
3
PC15
BEMF sensing (NOT POPULATED)
MCU_POW_ON
TRIG_POW_ON
500 mV
250 mV
100 mV
100 A
VOCth
50 A
20 A
Current limit
H1
H2
H3
+
-
+
-
12 V - 24 V
U
V
W
2
D
3
C1
GHSV
VDD
C15
25
OUTW
26
100k
GHSU
OUTV
2k
VDDA
D15
1
VDD
SW
9
29
31
1
2
2
D9
M3 HOLE NOT PLATED
FIDUCIAL5
STSPIN32F0B
1
2
D
R40
HSU
STN3P6F6
100n
M3 HOLE NM
OTH2PLATED
FIDUCIAL7
D6
C101000n
1
10k
R1610k
MH4
Q8
C16
GHSU
VHALL
R38
R2
15k
2.2k
0R
R2556R
C111000n
C13
1n
1
BAT30
C21
NP
C3
SW
2
C24
1N4148WS
VDD
OP1O
1n
2
VDD
4
R41
BAT30
D19
G
4.7u
PA1
BAT30
6
VDD
PA1
OUTW
4
OUTU
VREG12
7
PA0
VM
C23
M3 HOLE NOT PLATED
R342k
1
J8
VDD
TP5
2.2k
LSU
36
J9
1N4148WS
D
2
PC14
3
10k
2
47u
VBAT
ISNSP
3
SHSW
OUTU
R121k
R29
D2
BAT30
10
PA0
STN3P6F6 (MOS)
Turn-on
trigger
switch
input
Potentiometer
+
-
+
OpAmp
-
STSDPIN32F0B
STSDPIN32F0B
VOCth
Compartator
H1
H2
4
VBAT
SW
1
3
VCC
C6
100n
VBOOTV
LSV
1
2
1N4148WS
RESERVED1
4
PF0
D3
2
R270R
1
BAT30
J2
PA0
OUTV
OUTW
GHSV
100k
4
R3756R
R39
C19
BAT30
M3 HOLE NOT PLATED
FIDUCIAL8
1
100p
OUTV
R3656R
R1
NP
VDD
VDD
L122uF
R3
GHSW
R7
1n
JP1
220n
FIDUCIAL4
ISNSP
10n
TP7
NRST
NRST
27
VBOOTW
LSW
28
R13
PA3
Fiducial
C18
2N7002
R3010R
1
39k
C2
3
PA2
C7
5
PF1
ISNSN
NRST
VM
8
External bulk capacitor
is highly recommended



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com