Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSPIN32F0B
Description  Compact reference design for low voltage brushless power tools based on STSPIN32F0B
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0B Datasheet(HTML) 1 Page - STMicroelectronics

  STSPIN32F0B Datasheet HTML 1Page - STMicroelectronics STSPIN32F0B Datasheet HTML 2Page - STMicroelectronics STSPIN32F0B Datasheet HTML 3Page - STMicroelectronics STSPIN32F0B Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
7 - 45 V motor voltage rating supported
•
Recommended for power tools supplied from 2S to 6S batteries
•
Output current up to 15 Arms
•
STSPIN32F0B advanced 3-phase motor controller tailored for single-shunt
applications
•
STL180N6F7 60 V, 1.9 mΩ N-channel power MOSFET
•
Ultra-low standby current below 1µA thanks to an external turn-on/off trigger
•
Heat sink for improved power dissipation
•
Extremely compact footprint (70 mm x 30 mm)
•
Input connector for Hall effect sensors and encoder
•
Plug-and-play capability through six-step firmware with Hall effect sensor
feedback
•
Six-steps sensorless control available through dedicated BEMF sensing circuitry
and sensorless/sensored Field Oriented Control
•
Speed regulation through an external trimmer
•
Protections: thermal shutdown, UVLO, overcurrent and reverse biasing of power
stage outputs
•
SWD debug interface and direct firmware update (DFU) via UART
Description
This STEVAL-PTOOL1V1 compact 70 mm x 30 mm reference design board is
tailored for low voltage power tools driven by 3-phase brushless motors, supplied
by 2S to 6S batteries. The design is based on the STSPIN32F0B controller and
STL180N6F7 (or STL220N6F7) power MOSFET.
The board is ready for sensorless and sensored FOC, and can be configured for six-
step sensorless control through available BEMF sensing circuitry. The accompanying
six-step STSW-PTOOL1V1 firmware uses position feedback from Hall effect sensors,
with debugging and programming capability available through the SWD interface and
the direct firmware update feature.
The board can deliver up to 15 A continuous current, thanks also to the optimal
thermal dissipation provided by an embedded heatsink. It embeds a fast power-on
circuit that connects and disconnects the battery, allowing standby consumption
below 1 μA for extended battery duration. Several protection features are included,
such as thermal shutdown, undervoltage lockout, overcurrent protection with
programmable threshold and reverse biasing of power stage outputs.
This reference design is predominately intended for power tools, but is very
suitable for any battery-powered application involving similar architecture, rating and
performance. A potentiometer input for speed variation is available.
Compact reference design for low voltage brushless power tools based on
STSPIN32F0B
STEVAL-PTOOL1V1
Data brief
DB4293 - Rev 2 - January 2021
For further information contact your local STMicroelectronics sales office.
www.st.com
Product summary
Reference design
based on
STSPIN32F0B for
power tools driven by
LV BLDC motors
STEVAL-
PTOOL1V1
Reference firmware
for low voltage three-
phase brushless DC
motors with STEVAL-
PTOOL1V1
STSW-
PTOOL1V1
N-channel 60
V STripFET F7
Power MOSFET
in PowerFLAT 5x6
package
STL180N6F7
Advanced single shunt
BLDC controller with
embedded STM32
MCU
STSPIN32F0B
N-channel 60
V STripFET F7
Power MOSFET
in PowerFLAT 5x6
package
STL220N6F7
Applications
Home and
Professional
Appliances
Industrial Motor
Control
Industrial Tools


Similar Part No. - STSPIN32F0B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN32F0B STMICROELECTRONICS-STSPIN32F0B Datasheet
4Mb / 8P
Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
Rev 1 - May 2019
More results

Similar Description - STSPIN32F0B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
Reference Design for the
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
logo
STMicroelectronics
AN2393 STMICROELECTRONICS-AN2393 Datasheet
608Kb / 35P
Reference design: wide range 200W L6599-based
25-Oct-2007
EVALKIT-ROBOT-1 STMICROELECTRONICS-EVALKIT-ROBOT-1 Datasheet
1Mb / 15P
Compact reference design kit for robotics and automation based on STSPIN32F0A
Feb-2020
STEVAL-SPIN3204 STMICROELECTRONICS-STEVAL-SPIN3204 Datasheet
4Mb / 8P
Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
Rev 1 - May 2019
X-NUCLEO-IHM11M1 STMICROELECTRONICS-X-NUCLEO-IHM11M1 Datasheet
253Kb / 4P
Low voltage three-phase brushless DC motor driver expansion board based on STSPIN230 for STM32 Nucleo
July 2016
X-NUCLEO-IHM17M1 STMICROELECTRONICS-X-NUCLEO-IHM17M1 Datasheet
410Kb / 5P
Low voltage three-phase brushless DC motor driver expansion board based on STSPIN233 for STM32 Nucleo
February 2018
STEVAL-ASTRA1B STMICROELECTRONICS-STEVAL-ASTRA1B Datasheet
917Kb / 28P
Multiconnectivity asset tracking reference design based on STM32WB5MMG and STM32WL55JC
11-Mar-2022
EVLVIPGAN50PD STMICROELECTRONICS-EVLVIPGAN50PD Datasheet
2Mb / 9P
45 W QR USB PD adaptor reference design based on VIPERGAN50 and STUSB4761
EVLONE65W STMICROELECTRONICS-EVLONE65W_V01 Datasheet
437Kb / 10P
65W USB-PD certified reference design based on ST-ONE
06-Mar-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com