Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-CUBE-MCSDKY Datasheet(PDF) 2 Page - STMicroelectronics

Part # X-CUBE-MCSDKY
Description  STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-CUBE-MCSDKY Datasheet(HTML) 2 Page - STMicroelectronics

  X-CUBE-MCSDKY Datasheet HTML 1Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 2Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 3Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 4Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 5Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 6Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1
Schematic diagrams
Figure 1. STEVAL-SPIN3202 schematic (1 of 4)
RESET
USER1
BOURNS
3386G-1-104LF
SPEED
VM
VREG
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
OP2P
OP2N
PF0
PF1
PA0
PA1
NRST
LSU
HSU
LSV
HSV
LSW
HSW
OUTU
OUTV
OUTW
NRST
PF0
PF1
PA3
OP2O
+
C2
22UF
R7
100R
C11
100NF
DL1
RED
J9
61300211121
1
2
TP2
SW3
430483025816
1
3
4
2
C8 100NF
R1
39K
R13
10K
R5
120R
C7 100NF
JP1
OPEN
1
2
SW1
430483025816
1
3
4
2
C12
1NF
TP1
J10
61300211121
U1
STSPIN32F0A
OP2P
1
OP2N
2
OP2O
3
PF0
4
PF1
5
VREG12
6
NRST
7
VM
8
SW
9
VDDA
10
PA0
11
PA1
12
HSW
25
OUTW
26
VBOOTW
27
LSW
28
HSV
29
VBOOTV
31
LSV
32
OUTV
30
OUTU
34
LSU
36
HSU
33
VBOOTU
35
TP4
C9 100NF
D1
STPS0560Z
C3
220NF
R14
0R
R3
330R
R8
100R
L1
22uH
744 040 322 20
R4
120R
C14
4.7NF
SW2
430483025816
1
3
4
2
DL3
YELLOW
R2
100R
JUMPER6
TP3
C10
47UF
C13
1NF
+
C4
10UF
TP9
TPSMD-1MM
C6
3.3NF
R6
100K
2
C1
100NF
DL4
YELLOW
C5
100NF
USER2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com