Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-CUBE-MCSDKY Datasheet(PDF) 4 Page - STMicroelectronics

Part # X-CUBE-MCSDKY
Description  STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-CUBE-MCSDKY Datasheet(HTML) 4 Page - STMicroelectronics

  X-CUBE-MCSDKY Datasheet HTML 1Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 2Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 3Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 4Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 5Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 6Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 3. STEVAL-SPIN3202 schematic (3 of 4)
+
-
-
+
OC Comp
OCREF
OC
+
-
+
-
VBUS
Feedback
6 STEP
FOC
R12
5.6K
15K
Jumper 4
Jumper 3
CLOSED
OPEN
1-2
2-3
Jumper 5
OPEN
CLOSED
VBUS VDD
VDD
VDD
VDD
VDD
OP1O
OP1N
OP1P
OP2O
OP2N
OP2P
OP3N
OP3O
OP3P
OCCOMP
PB1
SENSEN
SENSEP
CURRENT_REF
GPIO_BEMF
PA0
PA1
PA2
OUTU
OUTV
OUTW
PA4
SENSEP
TP12
TPSMD-1MM
D2
BAT30KFILM
R24
2.2K
R25
2.2K
R28
2.2K
C43
68PF
R15
8.2K
R20
1.2K
J12
TP8
TPSMD-1MM
JP8
61300311121
2
R19
15K
D9
BAT30KFILM
D11
BAT30KFILM
JUMPER5
JP11
CLOSE
1
2
C44
68PF
JUMPER3
D10
BAT30KFILM
TP15
TPSMD-1MM
R16
9.31K
C21
220PF
J11
D14
BAT30KFILM
JUMPER4
TP6
TPSMD-1MM
JP9
CLOSE
1
2
R29
1K
D13
BAT30KFILM
R34
18K
R44
4.7K
R21
NP
R9
0R
C18
4.7NF
D12
BAT30KFILM
R33
560R
R38
18K
R10
169K
R45
10K
R47
10K
R46
10K
C42
68PF
R12
5.6K
JP10
CLOSE
1
2
C19
100NF
C15
100PF
R37
33K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com