Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSM Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DSM
Description  SensorTile development kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DSM Datasheet HTML 1Page - STMicroelectronics LSM6DSM Datasheet HTML 2Page - STMicroelectronics LSM6DSM Datasheet HTML 3Page - STMicroelectronics LSM6DSM Datasheet HTML 4Page - STMicroelectronics LSM6DSM Datasheet HTML 5Page - STMicroelectronics LSM6DSM Datasheet HTML 6Page - STMicroelectronics LSM6DSM Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
•
Included in the development kit package:
–
SensorTile module (STEVAL-STLCS01V1) with STM32L476JG,
LSM6DSM, LSM303AGR, LPS22HB, MP34DT05-A, BlueNRG-MS, BALF-
NRG-02D3 and LD39115J18R
–
SensorTile expansion Cradle board equipped with audio DAC, USB port,
STM32 Nucleo, Arduino UNO R3 and SWD connector
–
SensorTile Cradle with battery charger, humidity and temperature sensor,
SD memory card slot, USB port and breakaway SWD connector
–
100 mAh Li-Ion battery
–
Plastic box
–
SWD programming cable
•
Software libraries and tools
–
STSW-STLKT01: SensorTile firmware package that supports sensors raw
data streaming via USB, data logging on SDCard, audio acquisition and
audio streaming.
–
FP-SNS-ALLMEMS1 and FP-SNS-MOTENV1: STM32Cube function packs
–
STBLESensor: iOS and Android demo Apps
–
BlueST-SDK: iOS and Android Software Development Kit
•
CE certified
•
RoHS and China RoHS compliant
•
WEEE compliant
•
FCC (ID: S9NSTILE01) certified
•
IC (IC: 8976C-STILE01) certified with PMN: STEVAL-STLKT01V1; HVIN:
STEVAL-STLCS01V1; HMN: STEVAL-STLCX01V1; FVIN:
bluenrg_7_1_e_Mode_2-32MHz-XO32K_4M.img
•
TYPE certified (006-000482)
Description
The STEVAL-STLKT01V1 is a comprehensive development kit designed to support
and expand the capabilities of the SensorTile and comes with a set of cradle boards
enabling hardware scalability.
The development kit simplifies prototyping, evaluation and development of innovative
solutions. It is complemented with software, firmware libraries and tools, including a
dedicated mobile App.
The SensorTile is a tiny, square-shaped IoT module that packs powerful processing
capabilities leveraging an 80 MHz STM32L476JGY microcontroller and Bluetooth low
energy connectivity based on BlueNRG-MS network processor as well as a wide
spectrum of motion and environmental MEMS sensors, including a digital
microphone.
SensorTile can fit snugly in your IoT hub or sensor network node and become the
core of your solution.
To upload new firmware onto the SensorTile, an external SWD debugger (not
included in the kit) is needed. It is recommended to use ST-LINK/V2-1 found on any
STM32 Nucleo-64 development board.
Product summary
SensorTile
development kit
STEVAL-STLKT01V1
Ultra-low-power
microcontroller
with FPU ARM
Cortex-M4
STM32L476JG
Bluetooth low
energy network
processor
supporting
Bluetooth 4.1
core specification
BlueNRG-MS
MEMS audio
sensor
omnidirectional
digital
microphone
MP34DT05-A
SensorTile development kit
STEVAL-STLKT01V1
Data brief
DB2956 - Rev 8 - March 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LSM6DSM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSM STMICROELECTRONICS-LSM6DSM Datasheet
1Mb / 113P
always-on 3D accelerometer and 3D gyroscope
12-Feb-2016
LSM6DSM STMICROELECTRONICS-LSM6DSM Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
LSM6DSMTR STMICROELECTRONICS-LSM6DSMTR Datasheet
1Mb / 113P
always-on 3D accelerometer and 3D gyroscope
12-Feb-2016
More results

Similar Description - LSM6DSM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
CP250X DEVELOPMENT KIT
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
SPIRIT1 development kit
28-Nov-2013
logo
List of Unclassifed Man...
C8051F36X ETC2-C8051F36X Datasheet
438Kb / 13P
C8051F36x DEVELOPMENT KIT
logo
Texas Instruments
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
LaunchPad Development Kit
logo
STMicroelectronics
STEVAL-STWINKT1 STMICROELECTRONICS-STEVAL-STWINKT1 Datasheet
1Mb / 11P
SensorTile Wireless Industrial Node development kit and reference
Rev 4 - May 2020
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
Qseven Development Kit
6-Jun-2018
logo
STMicroelectronics
STEVAL-STWINBX1 STMICROELECTRONICS-STEVAL-STWINBX1 Datasheet
848Kb / 6P
STWIN.box - SensorTile Wireless Industrial Node Development Kit
25-Jan-2023
logo
CUI Devices
DEVKIT-ECM-001 CUID-DEVKIT-ECM-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/13/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com