Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G070CB Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32G070CB
Description  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G070CB Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32G070CB Datasheet HTML 31Page - STMicroelectronics STM32G070CB Datasheet HTML 32Page - STMicroelectronics STM32G070CB Datasheet HTML 33Page - STMicroelectronics STM32G070CB Datasheet HTML 34Page - STMicroelectronics STM32G070CB Datasheet HTML 35Page - STMicroelectronics STM32G070CB Datasheet HTML 36Page - STMicroelectronics STM32G070CB Datasheet HTML 37Page - STMicroelectronics STM32G070CB Datasheet HTML 38Page - STMicroelectronics STM32G070CB Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
DS12766 Rev 2
35/93
STM32G070CB/KB/RB
Pinouts, pin description and alternate functions
35
30 45 60
PB6
I/O FT_fa
-
USART1_TX, TIM1_CH3,
TIM16_CH1N, SPI2_MISO,
I2C1_SCL, EVENTOUT
-
31 46 61
PB7
I/O FT_fa
-
USART1_RX, SPI2_MOSI,
TIM17_CH1N, USART4_CTS,
I2C1_SDA, EVENTOUT
-
32 47 62
PB8
I/O
FT_f
-
SPI2_SCK, TIM16_CH1,
USART3_TX, TIM15_BKIN,
I2C1_SCL, EVENTOUT
-
148 63
PB9
I/O
FT_f
-
IR_OUT, TIM17_CH1,
USART3_RX, SPI2_NSS,
I2C1_SDA, EVENTOUT
-
-
-
64
PC10
I/O
FT
-
USART3_TX, USART4_TX,
TIM1_CH3
-
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of
current (3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (for example to drive a LED).
2. After an RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the RTC registers as they are not reset by the system reset. For details on how to manage these GPIOs,
refer to the RTC domain and RTC register descriptions in the RM0444 reference manual.
3. Upon reset, a pull-down resistor might be present on PA8, PD0, or PD2, depending on the voltage level on PB0,
PA9, PC6, PA10, PD1, and PD3. In order to disable this resistor, strobe the UCPDx_STROBE bit of the
SYSCFG_CFGR1 register during start-up sequence.
4. Pins PA9/PA10 can be remapped in place of pins PA11/PA12 (default mapping), using SYSCFG_CFGR1 register.
5. Upon reset, these pins are configured as SW debug alternate functions, and the internal pull-up on PA13 pin and the
internal pull-down on PA14 pin are activated.
Table 11. Pin assignment and description (continued)
Pin Number
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com