Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G070CB Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32G070CB
Description  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G070CB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32G070CB Datasheet HTML 38Page - STMicroelectronics STM32G070CB Datasheet HTML 39Page - STMicroelectronics STM32G070CB Datasheet HTML 40Page - STMicroelectronics STM32G070CB Datasheet HTML 41Page - STMicroelectronics STM32G070CB Datasheet HTML 42Page - STMicroelectronics STM32G070CB Datasheet HTML 43Page - STMicroelectronics STM32G070CB Datasheet HTML 44Page - STMicroelectronics STM32G070CB Datasheet HTML 45Page - STMicroelectronics STM32G070CB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
Electrical characteristics
STM32G070CB/KB/RB
42/93
DS12766 Rev 2
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 17, Table 18 and Table 19
may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these conditions is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
All voltages are defined with respect to VSS.
Table 17. Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD
External supply voltage
- 0.3
4.0
V
VBAT
External supply voltage on VBAT pin
- 0.3
4.0
VREF+
External voltage on VREF+ pin
- 0.3
Min(VDD + 0.4, 4.0)
VIN(1)
Input voltage on FT_xx pins except FT_c
- 0.3
VDD + 4.0(2)
Input voltage on FT_c pins
- 0.3
5.5
Input voltage on any other pin
- 0.3
4.0
1. Refer to Table 18 for the maximum allowed injected current values.
2. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled.
Table 18. Current characteristics
Symbol
Ratings
Max
Unit
IVDD/VDDA Current into VDD/VDDA power pin (source)(1)
100
mA
IVSS/VSSA
Current out of VSS/VSSA ground pin (sink)(1)
100
IIO(PIN)
Output current sunk by any I/O and control pin except FT_f
15
Output current sunk by any FT_f pin
20
Output current sourced by any I/O and control pin
15
∑IIO(PIN)
Total output current sunk by sum of all I/Os and control pins
80
Total output current sourced by sum of all I/Os and control pins80
IINJ(PIN)
(2)
Injected current on a FT_xx pin
-5 / NA(3)
Injected current on a TT_a pin(4)
-5 / 0
∑|IINJ(PIN)| Total injected current (sum of all I/Os and control pins)(5)
25
1. All main power (VDD/VDDA, VBAT) and ground (VSS/VSSA) pins must always be connected to the external power
supplies, in the permitted range.
2. A positive injection is induced by VIN > VDDIOx while a negative injection is induced by VIN < VSS. IINJ(PIN) must never be
exceeded. Refer also to Table 17: Voltage characteristics for the maximum allowed input voltage values.
3. Positive injection is not possible on these I/Os and does not occur for input voltages lower than the specified maximum
value.
4. On these I/Os, any current injection disturbs the analog performances of the device.
5. When several inputs are submitted to a current injection, the maximum ∑|IINJ(PIN)| is the absolute sum of the negative
injected currents (instantaneous values).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com