Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G070KB Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32G070KB
Description  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G070KB Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32G070KB Datasheet HTML 85Page - STMicroelectronics STM32G070KB Datasheet HTML 86Page - STMicroelectronics STM32G070KB Datasheet HTML 87Page - STMicroelectronics STM32G070KB Datasheet HTML 88Page - STMicroelectronics STM32G070KB Datasheet HTML 89Page - STMicroelectronics STM32G070KB Datasheet HTML 90Page - STMicroelectronics STM32G070KB Datasheet HTML 91Page - STMicroelectronics STM32G070KB Datasheet HTML 92Page - STMicroelectronics STM32G070KB Datasheet HTML 93Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 92 / 93 page
background image
Revision history
STM32G070CB/KB/RB
92/93
DS12766 Rev 2
8
Revision history
Table 69. Document revision history
Date
Revision
Changes
28-Nov-2018
1
Initial release.
11-Mar-2020
2
Cover page updated;
Section 2: Description updated;
Section 3.7.1: Power supply schemes: corrected
minimum VDD and VDDA values;
Section 3.14.1: Temperature sensor: “engineering
bytes” replaced “System memory”;
Section 3.17: Inter-integrated circuit interface (I2C):
SMBus and PMBus feature points;
Section 3.18: Universal synchronous/asynchronous
receiver transmitter (USART): max. speed corrected;
Table 11: Note 3 inserted and note 4 modified;
Table 17 updated;
Table 18: Note 2 removed;
Table 20: Redefined VIN;
Table 27 Typical current consumption in Run and Low-
power run modes removed;
depending on code executed
Table 45: LU class modified from “II” to “II Level A”;
Table 48: I/O current condition for relaxed VOL/VOH
corrected from 18 mA to 15 mA; section Output driving
current corrected accordingly;
Table 52: major update;
Section 3.12: DMA request multiplexer (DMAMUX)
added;
Figures with package marking examples corrected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com