Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G070KB Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32G070KB
Description  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G070KB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32G070KB Datasheet HTML 6Page - STMicroelectronics STM32G070KB Datasheet HTML 7Page - STMicroelectronics STM32G070KB Datasheet HTML 8Page - STMicroelectronics STM32G070KB Datasheet HTML 9Page - STMicroelectronics STM32G070KB Datasheet HTML 10Page - STMicroelectronics STM32G070KB Datasheet HTML 11Page - STMicroelectronics STM32G070KB Datasheet HTML 12Page - STMicroelectronics STM32G070KB Datasheet HTML 13Page - STMicroelectronics STM32G070KB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Description
STM32G070CB/KB/RB
10/93
DS12766 Rev 2
Table 1. STM32G070CB/KB/RB family device features and peripheral counts
Peripheral
STM32G070KB
STM32G070CB
STM32G070RB
Flash memory (Kbyte)
128
SRAM (Kbyte)
32 (with parity) or 36 (without parity)
Advanced control
1 (16-bit)
General-purpose
5 (16-bit)
Basic
2 (16-bit)
SysTick
1
Watchdog
2
SPI [I2S](1)
2 [1]
I2C2
USART
4
RTC
Yes
RNG(2)
No
AES(2)
No
Tamper pins
2
GPIOs
29
43
59
Wakeup pins
4
4
5
12-bit ADC channels
11 ext.
+ 2 int.
14 ext.
+ 3 int.
16 ext.
+ 3 int.
Max. CPU frequency
64 MHz
Operating voltage
2.0 - 3.6 V
Operating temperature
Ambient: -40 to 85 °C
Junction: -40 to 105 °C
Number of pins
32
48
64
1. The numbers in brackets denote the count of SPI interfaces configurable as I2S interface.
2. RNG: Random number generator, AES: Advanced Encryption Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com