Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS-RK Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # LPS-RK
Description  LPS-RK ??600 Vac/300 Vdc, 1??0-60A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LPS-RK Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  LPS-RK_V01 Datasheet HTML 1Page - Eaton All Rights Reserved. LPS-RK_V01 Datasheet HTML 2Page - Eaton All Rights Reserved. LPS-RK_V01 Datasheet HTML 3Page - Eaton All Rights Reserved. LPS-RK_V01 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1001
Effective August 2018
Supersedes March 2017
LPS-RK — 600 Vac/300 Vdc, 1⁄10-60A,
dual element, time-delay fuses
Catalog symbols:
•
LPS-RK-_SP (non-indicating)
•
LPS-RK-_SPI (indicating
Description:
Ultimate protection Class RK1 dual element,
current-limiting, time-delay fuses available with
optional open fuse indication on select ratings.
Time-delay – 10 seconds (minimum) at 500% of
rated current.
Rating
•
Volts
•
600 Vac
•
300 Vdc*
•
Amps 1/10-60 A
•
IR
•
300 kA Vac RMS Sym.
•
100 kA DC
* DC rating does not apply all indicating versions (LPS-RK-_
SPI) and the LPS-RK-60SP, non-indicating fuse.
Agency information
•
UL Listed, Guide JDDZ, File E4273
•
CSA Certified, Class 1422-02, File 53787, Class
RK1 per CSA C22.2, No. 248.12
•
CE
Catalog no.
LPS-RK-1/10SP
LPS-RK-11/2SP
LPS-RK-41/2SP
LPS-RK-171/2SP*
LPS-RK-2/10SP
LPS-RK-16/10SP LPS-RK-5SP
LPS-RK-20SP*
LPS-RK-3/10SP
LPS-RK-18/10SP LPS-RK-56/10SP LPS-RK-25SP*
LPS-RK-4/10SP
LPS-RK-2SP
LPS-RK-6SP*
LPS-RK-30SP*
LPS-RK-1/2SP
LPS-RK-21/4SP
LPS-RK-61/4SP* LPS-RK-35SP*
LPS-RK-6/10SP
LPS-RK-21/2SP
LPS-RK-7SP*
LPS-RK-40SP*
LPS-RK-8/10SP
LPS-RK-28/10SP LPS-RK-8SP*
LPS-RK-45SP*
LPS-RK-1SP
LPS-RK-3SP
LPS-RK-9SP*
LPS-RK-50SP*
LPS-RK-11/8SP
LPS-RK-32/10SP LPS-RK-10SP*
LPS-RK-60SP*
LPS-RK-11/4SP
LPS-RK-31/2SP
LPS-RK-12SP*
LPS-RK-14/10SP LPS-RK-4SP
LPS-RK-15SP*
* Open fuse indication available by inserting the suffix “I,”
e.g., LPS-RK-15SPI. Requires 75Vac minimum voltage.
Indicating fuses and the LPS-RK-60SP non-indicating fuse
are not Vdc rated.
Carton quantity
•
10
Applications
•
Feeder and branch circuits
•
Motors
•
Transformers
•
Solenoids
•
General purpose circuits
Features and benefits
•
Industry’s only UL Listed and CSA Certified fuse
with a 300kA interrupting rating that allows for
simple, worry-free installation in virtually any
application.
•
Fast short-circuit protection and dual-element,
time-delay performance provide ultimate
protection.
•
Reduces existing fuse inventory by up to 33%
when upgrading to Low-Peak fuses.
•
Consistent 2:1 ampacity ratios for all Low-Peak
fuses make selective coordination easy.
•
Time-delay permits 130% FLA sizing for back-up
motor protection.
•
Current-limitation protects downstream
components against damaging thermal and
magnetic effects of short-circuit currents.
•
Protects against single-phase motor damage.
•
Proper sizing can provide “no damage” Type 2
coordinated protection for NEMA and IEC motor
controllers.


Similar Part No. - LPS-RK_V01

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPS-RK-100SP COOPER-LPS-RK-100SP Datasheet
139Kb / 3P
Dual-Element, Time-Delay Fuses
logo
Eaton All Rights Reserv...
LPS-RK-100SP EATON-LPS-RK-100SP Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 70-600 A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
LPS-RK-100SPI COOPER-LPS-RK-100SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPS-RK-10SPI COOPER-LPS-RK-10SPI Datasheet
147Kb / 3P
Dual-Element, Time-Delay Fuses w/Permanent Fuse Indication
LPS-RK-110SP COOPER-LPS-RK-110SP Datasheet
139Kb / 3P
Dual-Element, Time-Delay Fuses
More results

Similar Description - LPS-RK_V01

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
FRN-R-8 COOPER-FRN-R-8 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
FRS-R-110 COOPER-FRS-R-110_16 Datasheet
339Kb / 3P
Fusetron??600 V Class RK5, FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRS-R EATON-FRS-R Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
FRS-R-65 EATON-FRS-R-65 Datasheet
258Kb / 3P
FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
LPN-RK EATON-LPN-RK Datasheet
824Kb / 4P
LPN-RK ??250 Vac/dc, 70-600 A, dual element, time-delay fuses
LPS-RK EATON-LPS-RK Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 70-600 A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com