Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS-RK Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # LPS-RK
Description  LPS-RK ??600 Vac/300 Vdc, 1??0-60A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LPS-RK Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  LPS-RK_V01 Datasheet HTML 1Page - Eaton All Rights Reserved. LPS-RK_V01 Datasheet HTML 2Page - Eaton All Rights Reserved. LPS-RK_V01 Datasheet HTML 3Page - Eaton All Rights Reserved. LPS-RK_V01 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data 1001
Effective August 2018
LPS-RK — 600 Vac/300 Vdc, 1⁄10-60A, dual element, time-delay fuses
Eaton.com/bussmannseries
Time-Current Characteristic Curves–Average Melt
12 to 60 Amps
Current-limiting effects
Prosp. S.C.C. Let-through current (apparent RMS Sym. vs. fuse rating)
—
30A
60A
1000
1000
1000
2000
1000
1000
3000
1000
1000
5000
1000
2000
10,000
1000
2000
15,000
1000
2000
20,000
2000
3000
25,000
2000
3000
30,000
2000
3000
35,000
2000
3000
40,000
2000
3000
50,000
2000
3000
60,000
2000
4000
70,000
2000
4000
80,000
2000
4000
90,000
2000
4000
100,000
2000
4000
150,000
3000
5000
200,000
3000
5000
250,000
3000
6000
300,000
3000
6000
Current-lLimitation curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com