Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H750VB Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 110Page - STMicroelectronics STM32H750VB Datasheet HTML 111Page - STMicroelectronics STM32H750VB Datasheet HTML 112Page - STMicroelectronics STM32H750VB Datasheet HTML 113Page - STMicroelectronics STM32H750VB Datasheet HTML 114Page - STMicroelectronics STM32H750VB Datasheet HTML 115Page - STMicroelectronics STM32H750VB Datasheet HTML 116Page - STMicroelectronics STM32H750VB Datasheet HTML 117Page - STMicroelectronics STM32H750VB Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 335 page
background image
Electrical characteristics (rev Y)
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
114/334
DS12556 Rev 5
APB4
SYSCFG
1
0.7
0.7
µA/MHz
LPUART1
registers
1.1
1.1
1.1
LPUART1 kernel
2.6
2.4
2.1
SPI6 registers
1.6
1.5
1.4
SPI6 kernel
0.2
0.2
0.2
I2C4 registers
0.1
0.1
0.1
I2C4 kernel
2.4
2.1
2
LPTIM2 registers
0.5
0.5
0.5
LPTIM2 kernel
2.3
2.1
1.8
LPTIM3 registers
0.5
0.5
0.5
LPTIM3 kernel
2
2.1
1.5
LPTIM4 registers
0.5
0.5
0.5
LPTIM4 kernel
2
2
1.9
LPTIM5 registers
0.5
0.5
0.5
LPTIM5 kernel
2
1.8
1.5
COMP1/2
0.7
0.5
0.5
VREFBUF
0.6
0.4
0.4
RTC
1.2
1.1
1.1
SAI4 registers
1.6
1.5
1.4
SAI4 kernel
1.3
1.3
1.2
Bridge APB4
0.1
0.1
0.1
Table 38. Peripheral current consumption in Stop, Standby and VBAT mode
Symbol
Parameter
Conditions
Typ
Unit
3 V
IDD
RTC+LSE low drive
-
2.32
µA
RTC+LSE medium-
low drive
-2.4
RTC+LSE medium-
high drive
-2.7
RTC+LSE High drive
-
3
Table 37. Peripheral current consumption in Run mode (continued)
Peripheral
IDD(Typ)
Unit
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com