Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H750VB Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 111Page - STMicroelectronics STM32H750VB Datasheet HTML 112Page - STMicroelectronics STM32H750VB Datasheet HTML 113Page - STMicroelectronics STM32H750VB Datasheet HTML 114Page - STMicroelectronics STM32H750VB Datasheet HTML 115Page - STMicroelectronics STM32H750VB Datasheet HTML 116Page - STMicroelectronics STM32H750VB Datasheet HTML 117Page - STMicroelectronics STM32H750VB Datasheet HTML 118Page - STMicroelectronics STM32H750VB Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 335 page
background image
DS12556 Rev 5
115/334
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Electrical characteristics (rev Y)
311
6.3.7
Wakeup time from low-power modes
The wakeup times given in Table 39 are measured starting from the wakeup event trigger up
to the first instruction executed by the CPU:
For Stop or Sleep modes: the wakeup event is WFE.
WKUP (PC1) pin is used to wakeup from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD=3.3 V.
Table 39. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ(1)
Max(1)
Unit
tWUSLEEP(2)
Wakeup from Sleep
-
9
10
CPU
clock
cycles
tWUSTOP(2)
Wakeup from Stop
VOS3, HSI, Flash memory in normal mode
4.4
5.6
µs
VOS3, HSI, Flash memory in low-power
mode
12
15
VOS4, HSI, Flash memory in normal mode
15
20
VOS4, HSI, Flash memory in low-power
mode
23
28
VOS5, HSI, Flash memory in normal mode
30
71
VOS5, HSI, Flash memory in low-power
mode
38
47
VOS3, CSI, Flash memory in normal mode
27
37
VOS3, CSI, Flash memory in low power
mode
36
50
VOS4, CSI, Flash memory in normal mode
38
48
VOS4, CSI, Flash memory in low-power
mode
47
61
VOS5, CSI, Flash memory in normal mode
52
64
VOS5, CSI, Flash memory in low-power
mode
62
77
tWUSTOP2(2)
Wakeup from Stop,
clock kept running
VOS3, HSI, Flash memory in normal mode
2.6
3.4
VOS3, CSI, Flash memory in normal mode
26
36
tWUSTDBY(2)
Wakeup from Standby
mode
-
390
500
1. Guaranteed by characterization results.
2. The wakeup times are measured from the wakeup event to the point in which the application code reads the first instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com