Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G4 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STSPIN32G4
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 13Page - STMicroelectronics STSPIN32G4 Datasheet HTML 14Page - STMicroelectronics STSPIN32G4 Datasheet HTML 15Page - STMicroelectronics STSPIN32G4 Datasheet HTML 16Page - STMicroelectronics STSPIN32G4 Datasheet HTML 17Page - STMicroelectronics STSPIN32G4 Datasheet HTML 18Page - STMicroelectronics STSPIN32G4 Datasheet HTML 19Page - STMicroelectronics STSPIN32G4 Datasheet HTML 20Page - STMicroelectronics STSPIN32G4 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Figure 7. VCC externally supplied (buck disabled)
+
+
Buck
reg.
COUT
CM
VM
VCC
5.1.1.1
Short-circuit protection
The regulator is protected against short-circuit of the SW pin. If this condition is detected, the regulator stops for a
tdisable,Buck time.
At the end of this period, the buck regulator restarts performing a soft-start.
Figure 8. VCC buck regulator short-circuit protection
tdisable,Buck
Short circuit
event
VCC,mean
tSS,Buck
5.1.1.2
Thermal protection
If the temperature of the buck converter circuitry exceeds the TSD threshold, it stops operating until the
temperature returns below the TSD - TSD(Hyst) level (auto-restart).
When the regulator returns operative, a soft-start is performed.
5.1.2
3.3 V linear regulator
The device integrates a low-drop linear regulator (LDO) to generate the 3.3 V supply starting from the REGIN
input voltage. The 3.3 V output voltage supplies both the gate driver logic and the microcontroller.
The LDO output current is limited, making the regulator protected against short-circuit and overload.
An undervoltage monitoring circuit is active on the 3.3 V supply which triggers a reset if the voltage falls below
VREG3V3(Off).
STSPIN32G4
Power management section
DS13630 - Rev 1
page 17/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com