Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G4 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STSPIN32G4
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 14Page - STMicroelectronics STSPIN32G4 Datasheet HTML 15Page - STMicroelectronics STSPIN32G4 Datasheet HTML 16Page - STMicroelectronics STSPIN32G4 Datasheet HTML 17Page - STMicroelectronics STSPIN32G4 Datasheet HTML 18Page - STMicroelectronics STSPIN32G4 Datasheet HTML 19Page - STMicroelectronics STSPIN32G4 Datasheet HTML 20Page - STMicroelectronics STSPIN32G4 Datasheet HTML 21Page - STMicroelectronics STSPIN32G4 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Four configurations are possible for the 3.3 V supply:
1.
Internally generated via LDO with REGIN pin connected directly to the buck output VCC (Figure 9).
2.
Internally generated via LDO with REGIN pin connected through a resistor to the buck output VCC
(Figure 10); with this configuration the power dissipation inside the device can be reduced.
3.
Internally generated via LDO with REGIN pin connected to an external supply voltage in the range 15 V to
3.3 V (Figure 11).
4.
Externally, provided with REGIN and REG3V3 connected (Figure 12). In this case it is possible to disconnect
or tie to ground VM or VCC while providing the 3.3 V supply. When VM is provided again the device restarts
from a power-up condition.
Figure 9. 3.3 V LDO regulator supplied through VCC
+
Buck
reg.
3.3 V
LDO
D1
VM
CM
COUT
CDD
L
Figure 10. 3.3 V LDO regulator supplied through VCC (external resistor)
+
Buck
reg.
3.3 V
LDO
R
D1
VM
CM
COUT
CDD
CREGIN
L
Figure 11. 3.3 V LDO regulator with external supply
+
Buck
reg.
3.3 V
LDO
(3.3 V to 15 V)
+
D1
VM
CM
COUT
CDD
VREGIN
L
CREGIN
STSPIN32G4
Power management section
DS13630 - Rev 1
page 18/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com