Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32L476GDISCOVERY Datasheet(PDF) 7 Page - STMicroelectronics

Part # 32L476GDISCOVERY
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32L476GDISCOVERY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 32L476GDISCOVERY Datasheet HTML 3Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 4Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 5Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 6Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 7Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 8Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 9Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 10Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
DocID028080 Rev 1
7/37
UM1919
Getting started with demonstration
36
2
Getting started with demonstration
2.1
Hardware requirements
The hardware requirements to start the demonstration application are as follows:
•
STM32L476G discovery board (Figure 2 and Figure 3) (refer to UM1879 for the
discovery kit description)
•
One “USB type A to Mini-B” cable to power up the discovery board from the USB ST-
LINK (USB connector CN1) and to run in USB-powered mode
•
One CR2032 battery to run in battery mode.
The STM32L476G discovery kit helps to discover the ultra-low-power features and audio
capabilities of the STM32L4 Series. It offers everything required for beginners and
experienced users to get stared quickly and develop applications easily.
Based on an STM32L476VGT6 MCU, it includes an ST-LINK/V2-1 embedded debug tool
interface, Idd current measurement, Quad-SPI Flash memory, an audio codec with 3.5mm
connector, LCD segment display (8x40), LEDs, a joystick and a USB mini-B connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com