Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32L476GDISCOVERY Datasheet(PDF) 32 Page - STMicroelectronics

Part # 32L476GDISCOVERY
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32L476GDISCOVERY Datasheet(HTML) 32 Page - STMicroelectronics

Back Button 32L476GDISCOVERY Datasheet HTML 28Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 29Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 30Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 31Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 32Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 33Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 34Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 35Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Kernel description
UM1919
32/37
DocID028080 Rev 1
7
Kernel description
7.1
Overview
The role of the demonstration kernel is mainly to provide a generic platform that controls
and monitors all the application processes with minimum memory consumption. The kernel
provides a set of friendly services that simplifies module implementation by allowing access
to all the hardware and firmware resources through the following tasks and services:
•
Hardware and modules initialization:
–
BSP initialization (LEDs, joystick keys, LCD, audio, Quad-SPI and compass)
•
Main menu management.
•
Memory management
•
Storage management (Quad-SPI Flash memory)
•
System settings
7.2
Kernel initialization
The first task of the kernel is to initialize the hardware and firmware resources to make them
available to its internal processes and the modules around it. The kernel starts by initializing
the HAL, system clocks and then the hardware resources needed during the middleware
components:
•
LEDs and buttons
•
LCD
•
Backup area
•
External Quad-SPI Flash memory
•
Audio codecs
•
MEMS
Upon full initialization phase, the kernel adds and links the system and user modules to the
demonstration core waiting to execute a menu entry point.
7.3
Kernel processes and tasks
The kernel is composed of a main task managed by FreeRTOS through the CMSIS-OS
wrapping layer:
•
Start thread: this task initializes the OS resources required by the demonstration
framework and then starts the demonstration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com