Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L476G-DISCO Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32L476G-DISCO
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476G-DISCO Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32L476G-DISCO Datasheet HTML 13Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 14Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 15Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 16Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 17Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 18Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 19Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 20Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
DocID028080 Rev 1
17/37
UM1919
Demonstration functional description
36
4.4
Modules
4.4.1
IDD
Overview
The IDD module application measures and displays in real time the MCU current
consumption depending on the selected power mode. The current is measured and
calculated using a second microcontroller from the STM32L1 Series on the board.
Figure 9. IDD application menu structure display
Value is the Idd measurement result displayed for 2.5 seconds either in milliampere (mA),
microampere (µA) or nanoampere (nA).
Features
•
Run mode at 24 MHz (voltage range 2), PLL Off, RTC/LSE Off, Flash ART On
•
Sleep mode at 24 MHz (voltage range 2), PLL Off, RTC/LSE Off, Flash ART On
•
Low-power run mode at 2 MHz, PLL Off, RTC/LSE Off, Flash ART On
•
Low-power sleep mode at 2 MHz, PLL Off, RTC/LSE Off, Flash ART On
•
Stop 2 mode, RTC/LSE Off, Flash ART Off
•
Standby mode, RTC/LSE Off, Flash ART Off, RAM retention Off
•
Shutdown mode, RTC/LSE Off, Flash ART Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com