Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L476G-DISCO Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32L476G-DISCO
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476G-DISCO Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32L476G-DISCO Datasheet HTML 17Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 18Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 19Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 20Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 21Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 22Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 23Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 24Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
DocID028080 Rev 1
21/37
UM1919
Demonstration functional description
36
4.4.5
Compass
Overview
The Compass module application allows to demonstrate the integration of the LSM303C
3-axis electronic compass embedded on the STM32L476G discovery board.
Figure 16. Compass application menu structure and display
Features
A real time display in degree of the direction versus the magnetic north
A calibration step is required in X/Y/Z axis to get the motion data from the application. It
consists in rotating the board by 360 degrees in all 3 axis. The calibration data are
saved in backup area.
4.4.6
Sound meter
Overview
The sound meter module demonstrates the perfect integration of a sound meter audio
library. It uses the audio recording capability of the digital microphone embedded on the
STM32L476G discovery board.
Figure 17. Sound meter application menu selection and display
Features
16-bits PCM data input with a sample rate at 48 kHz (mono)
A-weighting pre-filter
Real time display of the sound level every 250ms with average done every 100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com