Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

218-2LPST Datasheet(PDF) 2 Page - CTS Corporation

Part # 218-2LPST
Description  Half Pitch, SMD DIP Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

218-2LPST Datasheet(HTML) 2 Page - CTS Corporation

  218-2LPST Datasheet HTML 1Page - CTS Corporation 218-2LPST Datasheet HTML 2Page - CTS Corporation 218-2LPST Datasheet HTML 3Page - CTS Corporation 218-2LPST Datasheet HTML 4Page - CTS Corporation 218-2LPST Datasheet HTML 5Page - CTS Corporation 218-2LPST Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2020 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Series 218
Half Pitch, SMD DIP Switch
2020-7-1 Rev. B
Page 2 of 6
Electrical Specifications
Parameter
Conditions & Remarks
Min
Max
Unit
Circuit
SPST
2
12
position
Contact Resistance
Initial
At end of life
100
100
milliohms
Insulation Resistance
Between insulated terminals
100
megohms
Dielectric Strength
350 VAC between adjacent
switches
1
minute
Actuation Life
25mA @ 24 VDC
1,000
cycles
Switch Capacitance
Between adjacent closed
switches
10
pF
Nonswitching Rating
100
or
50
mA
or
VDC
Mechanical and Environmental
Soldering
Maximum reflow temperature, 250°C for 30 seconds
MSL
Level 1
RoHS
Lead-Free. Fully compliant to RoHS Directive 2011/65/EU
Shock
Per MIL-STD-202G, method 213B, condition A( 50G’s)
with no contact inconsistencies greater than 1 microsecond
Vibration
Per MIL-STD-202G, method 204D, condition B ( .06” or 15G’s between 10 HZ to 2K HZ) with
no contact inconsistencies greater than 1 microsecond
Coplanarity
0.1mm/.004” maximum
Seal
Bottom epoxy seal standard
Top tape seal optional
Marking
Special marking available-consult CTS
Packaging:
Standard anti-static tube packaging
Optional tape and reel packaging
Operating Temperature
Range
-55°C to +85°C
Storage Temperature
Range
-55°C to +85°C
Soldering Profile



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com