Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

218-2LPST Datasheet(PDF) 1 Page - CTS Corporation

Part # 218-2LPST
Description  Half Pitch, SMD DIP Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

218-2LPST Datasheet(HTML) 1 Page - CTS Corporation

  218-2LPST Datasheet HTML 1Page - CTS Corporation 218-2LPST Datasheet HTML 2Page - CTS Corporation 218-2LPST Datasheet HTML 3Page - CTS Corporation 218-2LPST Datasheet HTML 4Page - CTS Corporation 218-2LPST Datasheet HTML 5Page - CTS Corporation 218-2LPST Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2020 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
2020-7-1 Rev. B
Page 1 of 6
Series 218
Half Pitch, SMD DIP Switch
Removable tape seal to withstand IR vapor phase or
wave soldering temperatures, and board washing
Gull-wing and “J”bend terminal configurations
Low profile actuators prevent accidental actuation
SPST configuration available
0.6mm/.024” actuator travel
Optional top tape seal for board spray washing
Description
Positive detent separated from contactor causes contactor does not deflect during actuation. Unique compact
type design allows to be used at mini size application. Optional sealed structure is optimized for board washing
during soldering process. It makes it the ideal choice for any server, security and HVAC systems
Ordering Information
Code
Spec.
Blank Ship at ON position
F
Ship at OFF position
Notes: Contact CTS for other common features not listed.
Code
No. of switch
positions
2
2 positions
4
4 positions
6
6 positions
8
8 positions
10
10 positions
12
12 positions
Code
Spec.
Blank
Gull wing terminal
J
J bend terminal
Series
Number of
Switch Positions
Low Profile
Actuator
B
Bottom
Epoxy Seal
Top Tape
Seal
Terminal
Type
Packaging
Type
Actuation
Preset
S
Shipping Position
20212124
1
2
1
E
S
RRRTTT T
T
T
T
TTT
T
T
TSS
E
218-
12
LP
S
T
J
R
F
Code
Spec.
Blank
Anti-static tube packaging
R
Tape & reel packaging
Code
Top tape seal
Blank
No top tape seal
T
Top tape seal


Similar Part No. - 218-2LPST

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
218-2LPST CTS-218-2LPST Datasheet
328Kb / 1P
DIP Switches
218-2LPSTR CTS-218-2LPSTR Datasheet
324Kb / 2P
SMT Half Pitch DIP Switch?밃uto Placeable
More results

Similar Description - 218-2LPST

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDHH BOURNS-SDHH Datasheet
156Kb / 2P
Half Pitch SMD DIP Switch
logo
Omron Electronics LLC
A6H-4101 OMRON-A6H-4101 Datasheet
207Kb / 2P
Half-pitch DIP Switch
logo
CTS Corporation
218 CTS-218_08 Datasheet
763Kb / 2P
SMT Half Pitch DIP Switch-Auto Placeable
logo
Omron Electronics LLC
A6H OMRON-A6H Datasheet
441Kb / 4P
Half-pitch DIP Switch
A6HF OMRON-A6HF Datasheet
230Kb / 2P
Slide DIP Switch (SMT Half-pitch)
A6HR OMRON-A6HR Datasheet
230Kb / 2P
Piano DIP Switch (SMT Half-pitch)
logo
CTS Corporation
218-8LPST CTS-218-8LPST Datasheet
324Kb / 2P
Half Pitch, SMD DIP Switch
218-02LPST CTS-218-02LPST Datasheet
324Kb / 2P
SMT Half Pitch DIP Switch?밃uto Placeable
218-2LPSTR CTS-218-2LPSTR Datasheet
324Kb / 2P
SMT Half Pitch DIP Switch?밃uto Placeable
218-12LPSTJRF CTS-218-12LPSTJRF_16 Datasheet
324Kb / 2P
Half Pitch, SMD DIP Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com