Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFD1KE Datasheet(PDF) 10 Page - Microsemi Corporation

Part # PFD1KE
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1KE Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button PFD1KE Datasheet HTML 6Page - Microsemi Corporation PFD1KE Datasheet HTML 7Page - Microsemi Corporation PFD1KE Datasheet HTML 8Page - Microsemi Corporation PFD1KE Datasheet HTML 9Page - Microsemi Corporation PFD1KE Datasheet HTML 10Page - Microsemi Corporation PFD1KE Datasheet HTML 11Page - Microsemi Corporation PFD1KE Datasheet HTML 12Page - Microsemi Corporation PFD1KE Datasheet HTML 13Page - Microsemi Corporation PFD1KE Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10 of 19
SMD-00191 Rev D
Subject to Change Without Notice
PFD1K
Port Name
Description
Notes
REFP
Reference RF input, positive terminal
CML signal levels
REFN
Reference RF input, negative terminal
CML signal levels
VCOP
VCO RF input, positive terminal
CML signal levels
VCON
VCO RF input, negative terminal
CML signal levels
UPP
Up Charge Pump output, positive terminal
CML output level set by charge pump gain
UPN
Up Charge Pump output, negative terminal
CML output level set by charge pump gain
DNP
Down Charge Pump output, positive terminal
CML output level set by charge pump gain
DNN
Down Charge Pump output, negative terminal
CML output level set by charge pump gain
DRO
Divided Reference Output ( single ended )
CML output level, requires DC pullup
DVO
Divided VCO Output ( single ended )
CML output level, requires DC pullup
Table 2: RF Pin Description
Port Name
Description
Notes
POL
Polarity of Phase Detector
3.3 V CMOS levels, defaults to logic 0 if open
R[6:0]
Reference Prescaler Divide Ratio
3.3 V CMOS levels, defaults to logic 0 if open
V[6:0]
VCO Prescaler Divide Ratio
3.3 V CMOS levels, defaults to logic 0 if open
A[3:0]
Charge Pump Gain Control
3.3 V CMOS levels, defaults to logic 0 if open
VADJ
Charge Pump Gain Analog Control
From VEE to VCC , VCC for max output
VADR
Divided Reference Output Level Control
From VEE to VCC , VCC for max output
VADV
Divided VCO Output Level Control
From VEE to VCC , VCC for max output
VCC1-4
Positive power supply
+3.3 V @ 500 mA
VEE1-4
Negative power supply
Ground
Table 3: DC Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com