Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFD1KE Datasheet(PDF) 13 Page - Microsemi Corporation

Part # PFD1KE
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1KE Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button PFD1KE Datasheet HTML 9Page - Microsemi Corporation PFD1KE Datasheet HTML 10Page - Microsemi Corporation PFD1KE Datasheet HTML 11Page - Microsemi Corporation PFD1KE Datasheet HTML 12Page - Microsemi Corporation PFD1KE Datasheet HTML 13Page - Microsemi Corporation PFD1KE Datasheet HTML 14Page - Microsemi Corporation PFD1KE Datasheet HTML 15Page - Microsemi Corporation PFD1KE Datasheet HTML 16Page - Microsemi Corporation PFD1KE Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PFD1KE EvaluationKitDatasheet
Phase Detector Evaluation Board
The PFD1KE is the evaluation board for the Microsemi PFD1K phase frequency detector with
programmable integer modulus dividers. The PFD1K contains two 40 GHz dividers, an 8 GHz phase
frequency detector, and its associated support charge pump circuit. See Figure 1 and 3.
Note: VCC supply voltage must be positive. The +3.3V must be turned on first before applying the
+25V and -5V supply. If not turned on, it will damage the phase detector.
Figure 2. (J11) I/O pin configuration
13 of 19
SMD-00191 Rev D
Subject to Change Without Notice
PFD1K
Figure 1. Evaluation board for PFD1KE (P582)
+25V supply (for the
op amp)
-5V supply (for the
op amp)
VCC (+3.3V for the
divider/phase
detector)
40GHz divider /
8GHz Phase
detector
Remote I/O interface for divider modulus
controls and charge pump gain control
(J11); (Open the dip switches before using
external I/O control)
REFN
(input)
REFP
(input)
DRO (divided ref
output)
VCON
(input)
VCOP
(input)
DVO (divided
VCO output)
Vtune (VCO
error voltage
output)
UPN (charge
pump output)
UPP (charge
pump output)
DNP (charge
pump output)
DNN (charge
pump output)
VADV (divided VCO
output analog control,
if the VADV dip switch
is in the open position)
VADR (divided ref output
analog control, if VADR
dip switch is in the open
position)
VADJ (charge pump
gain analog control, if
VADJ dip switch is in
the open position)
Op Amp – integrator for
VCO error voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com