Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4314B-Z Datasheet(PDF) 16 Page - Peregrine Semiconductor

Part # PE4314B-Z
Description  UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4314B-Z Datasheet(HTML) 16 Page - Peregrine Semiconductor

Back Button PE4314B-Z Datasheet HTML 12Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 13Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 14Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 15Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 16Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 17Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 18Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 19Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 20Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
PE4314
RF Digital Step Attenuator
Page 16
DOC-81718-1 – (02/2017)
www.psemi.com
Figure 17 • Attenuation Error @ 2500 MHz vs Temperature(*)
Note: * Attenuation error limit @ ±(0.15 + 8% of attenuation setting).
-3
-2
-1
0
1
2
3
0
4
8
12
16
20
24
28
32
Attenuation Setting (dB)
-40°C
+25°C
+85°C
+105°C
Upper Atten. Error Limit
Lower Atten. Error Limit
Figure 18 • IIP3 vs Attenuation Setting (Low Frequencies)
55.00
60.00
65.00
70.00
75.00
510
17
35
Frequency (MHz)
0 dB
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com