Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4314B-Z Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE4314B-Z
Description  UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4314B-Z Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE4314B-Z Datasheet HTML 1Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 2Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 3Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 4Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 5Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 6Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 7Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 8Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DOC-81718-1 – (02/2017)
Page 5
www.psemi.com
PE4314
RF Digital Step Attenuator
Input IP3
Two tones at +15 dBm
10 kHz spacing
0 dB and 31.5 dB attenua-
tion states
5 MHz
10 MHz
17 MHz
35 MHz
500 MHz
1000 MHz
1900 MHz
2500 MHz
0 dB
31.5 dB
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
57
69
63
62
62
59
60
58
62
61
62
61
62
55
55
57
Video feed-through
DC measurement
7
mVPP
Settling time
50% CTRL to 0.05 dB of
final value
1.8
µs
Settling time
50% CTRL to 0.5 dB of final
value
0.4
µs
Switching time
50% CTRL to 90% or 10%
RF
370
700
ns
Attenuation transient
(envelope)
250 MHz
0.5
dB
Notes:
1) Normal mode: connect VSS_EXT (pin 12) to GND (VSS_EXT = 0V) to enable internal negative voltage generator.
2) Bypass mode: use VSS_EXT (pin 12) to bypass and disable internal negative voltage generator.
3) The input 0.1dB compression point is a linearity figure of merit. Refer to Table 2 for the operating RF input power (75
Ω).
Table 3 • PE4314 Electrical Specifications (Cont.)
Parameter
Condition
Frequency
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com