Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1L-R44KMSRP-R Datasheet(PDF) 2 Page - IDEC Corporation

Part # HS1L-R44KMSRP-R
Description  HS1L Interlock Switches with Solenoid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS1L-R44KMSRP-R Datasheet(HTML) 2 Page - IDEC Corporation

  HS1L-R44KMSRP-R Datasheet HTML 1Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 2Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 3Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 4Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 5Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 6Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 7Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HS1L Interlock Switches with Solenoid
Actuator
Description
Part Numbers
Straight Actuator
HS9Z-A1S
L-shaped Actuator
HS9Z-A2S
Angle Adjustable (vertical) Actuator (for hinged door)
HS9Z-A3S
Package quantity: 1
Accessories
Description
Part Numbers
Key Wrench for TORX Screw (L-shaped)
HS9Z-T1
Conduit Port Plug (Size: G1/2 only)
HS9Z-P1
Package quantity: 1
Key Wrench for TORX Screw is supplied with the interlock switch.
Specifications
Applicable Standard
ISO14119
IEC60947-5-1
EN60947-5-1 (TÜV approval)
GS-ET-19 (TÜV approval)
UL508 (UL listed)
CSA C22.2 No. 14 (c-UL listed)
IEC60204-1/EN60204-1
(applicable standards for use)
Operating Temperature −20to+55°C(nofreezing)
Relative Humidity
45 to 85% (no condensation)
Storage Temperature
–40 to +80°C (no freezing)
Pollution Degree
3
Overvoltage Category
III
Impulse Withstand
Voltage
4.0kV
(between LED, solenoid and ground: 1.5 kV)
Contact Resistance
50mΩmaximum(initialvalue)
Insulation Resistance
Between live and dead metal parts:
100MΩminimum(500VDCmegger)
Between terminals of different poles:
100MΩminimum(500VDCmegger)
Electric Shock
Protection
Class II (IEC 61140)
Degree of Protection
IP67 (IEC 60529)
Shock Resistance
Damage limits: 1000m/s2
Vibration Resistance
Operating extremes:
10 to 55Hz, amplitude 0.35mm
Damage limits: 30Hz, amplitude 1.5mm
Actuator Operating
Speed
0.05 to 1.0 m/s
Direct Opening Travel
11mm minimum
Direct Opening Force
50N minimum
Actuator Retention
Force when Locked
3000N minimum (GS-ET-19)
Operating Frequency
900 operations per hour
Mechanical Durability
1,000,000 operations minimum (GS-ET-19)
Electrical Durability
100,000 operations minimum
(AC-15 3A/250V)
1,000,000 operations minimum
(24V AC/DC, 100mA)
(operating frequency 900 operations per hour)
Conditional Short-circuit
Current
100A (250V) (Use 250V/10A fast acting type
fuse for short-circuit protection.)
Weight (approx.)
450g (HS1L-DQ44)
Ratings
•ContactRatings
Rated Insulation Voltage (Ui)
300V
Rated Operating Current (Ith)
10A
Rated Operating Voltage (Ue)
30V
125V
250V
Rated
Operating
Current
(Ie)
AC
Resistive Load (AC-12)
10A
10A
6A
Inductive Load (AC-15)
10A
5A
3A
DC
Resistive Load (DC-12)
8A
2.2A
1.1A
Inductive Load (DC-13)
4A
1.1A
0.6A
Minimum applicable load (reference value): 3V AC/DC, 5mA
(Applicable range may vary with operating conditions and load types.)
TÜV rating: AC-15 3A/250V, DC-13 4A/30V
UL, c-UL rating: A300
Pilot duty: AC 3A/250V
Pilot duty: DC 4A/30V
•SolenoidUnitandLEDIndicator
Lock Mechanism
Spring Lock
Solenoid Lock
Solenoid
Rated Operating
Voltage
24V DC (100% duty cycle)
Rated Current
200 mA (initial value)
Coil Resistance
120Ω(at20°C)
Pickup Voltage
Rated voltage × 85% max. (at 20°C)
Dropout Voltage
Rated voltage × 10% max. (at 20°C)
Maximum Continuous
Applicable Voltage
Rated voltage × 110%
Maximum Continuous
Applicable Time
Continuous
Insulation Class
Class F
LED
Rated Operating
Voltage
24V DC
Rated Current
10 mA
Light Source
LED
Illumination Color
Green (G), Red (R)
Parts and Functions
Circuit Code
Main Circuit Monitor Circuit
R: 1NC+1NC
1NC/1NO, 2NC
DQ: 1NC+1NC/ 1NO, 1NO
1NC+1NC
DT: 1NC+1NC/ 1NC, 1NC
1NC+1NC
HS1L-DQ44KMSRP-R
Part Number Guide
LED Rated Voltage
4: 24V DC
LED Color
G: Green
R: Red
Conduit Port Size
Blank: 1/2
P:
PG13.5
M:
M20
Housing Color
R: Red and Black
Locking Strength
MS: 3000N
Manual Unlocking
Key
K: With key
Solenoid Unit Voltage/
Lock Mechanism
4: 24V DC/Spring Lock
7Y: 24V DC/Solenoid Lock
Terminal
Block (M3)
Actuator Entry Slots
(Two)
Conduit Port
Contact
Mechanism (M3)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com