Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1L-R44KMSRP-R Datasheet(PDF) 1 Page - IDEC Corporation

Part # HS1L-R44KMSRP-R
Description  HS1L Interlock Switches with Solenoid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS1L-R44KMSRP-R Datasheet(HTML) 1 Page - IDEC Corporation

  HS1L-R44KMSRP-R Datasheet HTML 1Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 2Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 3Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 4Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 5Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 6Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 7Page - IDEC Corporation HS1L-R44KMSRP-R Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
HS1L InterlockSwitcheswithSolenoid
3000N locking strength (strongest* in class)!
3000N locking strength (strongest* in class)!
Six contacts in a compact housing (same size as HS1E)!
Six contacts in a compact housing (same size as HS1E)!
Suitable for large and heavy doors.
Same actuators as HS1E (locking strength 3000N) can be used.
Same dimensions and mounting
hole layouts as HS1E.
Size: 35 × 104 × 129mm
Door open, closed, and locked status can be
monitored for various applications.
Energyefficientnewsolenoidunit.
Manual unlock key and LED indicator are standard.
•
Manual unlock key allows for manual unlocking in the event of
•
power failure or maintenance.
Indicator has an independent circuit, and can be used for vari-
•
ous applications.
Two locking mechanisms to choose from—spring lock (un-
•
locked with energized solenoid) or solenoid lock (locked with
energized solenoid).
M3 terminal screws for wiring.
•
Wide operating temperature range (–20 to +55°C).
•
*As of October 2009, according to IDEC research of plastic interlock switches with solenoid.
New energy saving design!
New energy saving design!
Improved safety and usability!
Improved safety and usability!
(Zinc Diecast)
Manual
Unlock Key
L-shaped Actuator
Angle Adjustable
(vertical) Actuator
Straight Actuator
LED
Indicator
Solenoid Current Consumption
HS1E
Interlock Switch
with Solenoid
HS1L
Interlock Switch
with Solenoid
292 mA
200 mA
Approx.
32%
Less


Similar Part No. - HS1L-R44KMSRP-R

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HS1 PULSE-HS1 Datasheet
3Mb / 4P
PARTS/ACCESSORIES
logo
Fischer Elektronik GmbH...
HS1 FISCHERELEKTRONIK-HS1 Datasheet
78Kb / 1P
Accessories for insert mo-dules and part front panels
logo
Clarke International
HS1 CLARKE-HS1 Datasheet
1Mb / 8P
WELDING HEADSHIELD
DL0722 - REV 2
HS1 CLARKE-HS1 Datasheet
5Mb / 32P
MMA/TIG INVERTER WELDERS
GC0722
HS1 CLARKE-HS1 Datasheet
3Mb / 36P
AC/DC TIG WELDER
AC/DC TIG WELDER
More results

Similar Description - HS1L-R44KMSRP-R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
11TL602 ITT-11TL602 Datasheet
331Kb / 3P
Door Interlock Switches
logo
C&K Components
11TL602 CK-COMPONENTS-11TL602 Datasheet
238Kb / 3P
Door Interlock Switches
DS1F5AQ1 CK-COMPONENTS-DS1F5AQ1 Datasheet
351Kb / 4P
DS Series Interlock Pushbutton Switches
DS-SERIES CK-COMPONENTS-DS-SERIES Datasheet
142Kb / 3P
Interlock Pushbutton Switches
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
Door Interlock Switches
SL CK-COMPONENTS-SL Datasheet
1Mb / 4P
Sealed Interlock Door Switches
8 Dec 21
logo
IDEC Corporation
HS5L IDEC-HS5L Datasheet
2Mb / 24P
Interlock Switches with Solenoid(2-Contact)
JANUARY 2015
logo
C&K Components
DSSNAP CK-COMPONENTS-DSSNAP Datasheet
229Kb / 3P
Interlock Snap Switches
31 oct 16
TL CK-COMPONENTS-TL Datasheet
508Kb / 3P
Door Interlock Switches
DS CK-COMPONENTS-DS Datasheet
234Kb / 3P
Interlock Snap Switches
31 oct 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com