Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12KE3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FS75R12KE3
Description  IGBT-Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12KE3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FS75R12KE3 Datasheet HTML 1Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 2Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 3Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 4Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 5Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 6Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 7Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 8Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Technische Information / technical information
FS75R12KE3
IGBT-Module
IGBT-Modules
output characteristic (typical)
Tvj= 125°C
output characteristic (typical)
VGE= 15V
Ausgangskennlinienfeld (typisch)
IC= f(VCE)
Ausgangskennlinie (typisch)
IC= f(VCE)
0
25
50
75
100
125
150
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
VCE [V]
Tvj = 25°C
Tvj = 125°C
0
25
50
75
100
125
150
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
VCE [V]
VGE=19V
VGE=17V
VGE=15V
VGE=13V
VGE=11V
VGE=9V
4 (8)
DB_FS75R12KE3_3.0 .xls
2002-09-03



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com