Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12KE3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FS75R12KE3
Description  IGBT-Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12KE3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FS75R12KE3 Datasheet HTML 1Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 2Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 3Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 4Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 5Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 6Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 7Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 8Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technische Information / technical information
FS75R12KE3
IGBT-Module
IGBT-Modules
min.
typ.
max.
-
0,26
-
µs
-
0,29
-
µs
-
0,03
-
µs
-
0,05
-
µs
-
0,42
-
µs
-
0,52
-
µs
-
0,07
-
µs
-
0,09
-
µs
-
1,65
2,15
V
-
1,65
-
V
-
90
-
A
-
96
-
A
-
7,4
-
µC
-
13,5
-
µC
-
3,0
-
mJ
-
5,5
-
mJ
VR= 600V, VGE= -15V, Tvj= 25°C
VR= 600V, VGE= -15V, Tvj= 125°C
Transistor Wechselrichter / transistor inverter
td,on
Anstiegszeit (induktive Last)
rise time (inductive load)
IC= 75A, VCC= 600V
tr
VR= 600V, VGE= -15V, Tvj= 25°C
IF= 75A, -diF/dt= 2200A/µs
Durchlassspannung
Charakteristische Werte / characteristic values
IF= 75A, VGE= 0V, Tvj= 25°C
IF= 75A, VGE= 0V, Tvj= 125°C
Einschaltverzögerungszeit (induktive Last)
turn on delay time (inductive load)
VGE= ±15V, RG= 4,7Ω, Tvj= 125°C
Abschaltverzögerungszeit (induktive Last)
turn off delay time (inductive load)
VR= 600V, VGE= -15V, Tvj= 125°C
VF
forward voltage
Rückstromspitze
peak reverse recovery current
IRM
-
-
tf
VGE= ±15V, RG= 4,7Ω, Tvj= 25°C
VGE= ±15V, RG= 4,7Ω, Tvj= 125°C
-
7,0
IC= 75A, VCC= 600V
VGE= ±15V, RG= 4,7Ω, Tvj= 25°C
m
Ω
Charakteristische Werte / characteristic values
Eon
IC= 75A, VCC= 600V, Lσ= 70nH
VGE= ±15V, RG= 4,7Ω, Tvj= 125°C
IC= 75A, VCC= 600V
td,off
VGE= ±15V, RG= 4,7Ω, Tvj= 25°C
VGE= ±15V, RG= 4,7Ω, Tvj= 125°C
IC= 75A, VCC= 600V
-
mJ
-
mJ
Leitungswiderstand, Anschluss-Chip
lead resistance, terminal-chip
RCC´/EE´
Tc= 25°C
19
turn off energy loss per pulse
Eoff
IC= 75A, VCC= 600V, Lσ= 70nH
VGE= ±15V, RG= 4,7Ω, Tvj= 125°C
-
9,5
Diode Wechselrichter / diode inverter
2,5
Qr
Ausschaltenergie pro Puls
reverse recovery energy
Erec
VR= 600V, VGE= -15V, Tvj= 25°C
VR= 600V, VGE= -15V, Tvj= 125°C
IF= 75A, -diF/dt= 2200A/µs
-
nH
stray inductance module
Modulinduktivität
LσCE
-
SC data
VCC= 900V, VCEmax= VCES - LσCE ·di/dt
Einschaltverlustenergie pro Puls
turn on energy loss per pulse
Ausschaltverlustenergie pro Puls
Fallzeit (induktive Last)
fall time (inductive load)
VGE= ±15V, RG= 4,7Ω, Tvj= 25°C
VGE= ±15V, RG= 4,7Ω, Tvj= 125°C
Kurzschlussverhalten
tP ≤ 10µs, VGE ≤ 15V, TVj ≤ 125°C
ISC
-
300
-
A
Sperrverzögerungsladung
recovered charge
IF= 75A, -diF/dt= 2200A/µs
2 (8)
DB_FS75R12KE3_3.0 .xls
2002-09-03



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com