Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2D2 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # 2D2
Description  Pushbutton Switches and Indicators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2D2 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  2D2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Manual Switches
Series 2
Pushbutton Switches and Indicators
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
105
FEATURES
Easy-to-assemble modules provide
thousands of display/control
combinations
Up to 4 incandescent lamps
1, 2, 3, or 4-section display
Transmitted or projected color
Integral hold-in coil option provides
remote released contacts. Pull-in coils
(flange mount only) enable remote
actuation
Switch guard accessory.
CHANGE LAMPS OR FILTERS
FROM PANEL FRONT
Without tool. Remove display screen/
lampholder assembly from 2C200 oper-
ator-indicator (or 2F200 indicator). Unit is
keyed to maintain proper orientation
when replacing. Use only flange base
T-13⁄4 lamps with 2C200 and 2F200 de-
vices.
LAMPS AND FILTERS
Order lamps and filters for projected color
from page 111.
BARRIER MOUNT
Display screen
(page 115)
Housing
(next page)
Mounting barrier
(next page)
Switch unit
(page 114)
Mounting barriers attach to either the long
or short sides of the housing. They have
spring clips which grip the panel. Mount-
ing barriers also separate display screens
to protect against inadvertent operation.
Multiple units can be attached together in
a strip and snapped into a panel slot; or
they can be mounted individually.
FLANGE MOUNT
Display screen
(page 115)
Housing
(page 113)
Switch
unit
(page 114)
Flange mount units have mounting clips
ready-attached to the housing. They can
be individually installed or replaced; and
enable use of an overlay panel, if desired.
Groupings can be separated by optional
spacing barriers.
MODULES ASSEMBLE EASILY
All modules are ordered as separate
items which snap together for easy as-
sembly.


Similar Part No. - 2D2

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2D2 HONEYWELL-ACC-2D2 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
logo
Altech corporation
2D20UL ALTECH-2D20UL Datasheet
1Mb / 1P
UL-Series - UL489 Miniature Molded Case Circuit Breaker
logo
Microdc power Technolog...
2D240505XNS MICRODC-2D240505XNS Datasheet
485Kb / 2P
FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
2D240505XS MICRODC-2D240505XS Datasheet
495Kb / 2P
FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
2D240909XNS MICRODC-2D240909XNS Datasheet
485Kb / 2P
FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
More results

Similar Description - 2D2

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
Honeywell Solid State E...
AML51 HONEYWELL-AML51 Datasheet
650Kb / 5P
Manual Switches Buttons Lens for Switches and Indicators
logo
Honeywell Accelerometer...
2A70 HONEYWELL-ACC-2A70 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
AML51-R10B HONEYWELL-ACC-AML51-R10B Datasheet
650Kb / 5P
Buttons/Lens for Switches and Indicators
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com