Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2D2 Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # 2D2
Description  Pushbutton Switches and Indicators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2D2 Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button 2D2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Manual Switches
Series 2
Pushbutton Switches and Indicators
114
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
MOUNTING DIMENSIONS (For reference only)
Long flange
operator-indicators
Long flange indicators
Spacing barriers
Short
Long
0,0 = mm
Key:
0.00 = inches.
Length Of Panel Cutout*
Add 4,19 mm/.165 in. to length for each optional spacing barrier used.
Number of Units
Type of Indicator or
Operator-Indicator
1
2
3
4
5
6
7
Long
mm
27,94
55,75
83,57
111,36
139,17
166,98
194,77
Flange
in.
1.1
2.195
3.290
4.384
5.479
6.574
7.668
*Nominal dimensions, ±0,25 mm/0.10 in. (In 5% of
the cases, the cutout will be undersized for the
build-up of assembled units and will require
enlargement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com