Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD30SAMPLEEXT Datasheet(PDF) 2 Page - Sensirion AG Switzerland

Part # SCD30SAMPLEEXT
Description  CO2, humidity, and temperature sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD30SAMPLEEXT Datasheet(HTML) 2 Page - Sensirion AG Switzerland

  SCD30SAMPLEEXT Datasheet HTML 1Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 2Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 3Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 4Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 5Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 6Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 7Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 8Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.sensirion.com
Version 1.0 – D1 – May 2020
2/8
1 Sensor Specifications1
CO2 Sensor Specifications
Parameter
Conditions
Value
CO2 measurement range
I2C, UART
PWM
0 – 40’000 ppm
0 – 5’000 ppm
Accuracy2
400 ppm – 10’000 ppm
± (30 ppm + 3%MV)
Repeatability3
400 ppm – 10’000 ppm
± 10 ppm
Temperature stability4
T = 0 … 50°C
± 2.5 ppm / °C
Response time5
τ
63%
20 s
Accuracy drift over lifetime6
400 ppm – 10’000 ppm
ASC field-calibration algorithm activated and
SCD30 in environment allowing for ASC, or
FRC field-calibration algorithm applied.
± 50 ppm
Table 1: SCD30 CO2 sensor specifications
Humidity Sensor Specifications7
Parameter
Conditions
Value
Humidity measurement range
-
0 %RH – 100 %RH
Accuracy8
25°C, 0 – 100 %RH
± 3 %RH
Repeatability3
-
± 0.1 %RH
Response time5
τ
63%
8 s
Accuracy drift
-
< 0.25 %RH / year
Table 2: SCD30 humidity sensor specifications
Temperature Sensor Specifications7
Parameter
Conditions
Value
Temperature measurement range9
-
- 40°C – 70°C
Accuracy8
0 – 50°C
± (0.4°C + 0.023 × (T [°C] – 25°C))
Repeatability3
-
± 0.1°C
Response time5
τ
63%
> 10 s
Accuracy drift
-
< 0.03 °C / year
Table 3: SCD30 temperature sensor specifications
1
Default conditions of T = 25°C, humidity = 50 %RH, p = 1013 mbar, VDD = 3.3 V, continuous measurement mode with measurement rate = 2 s apply to values
listed in the tables, unless otherwise stated.
2
Deviation to a high-precision reference in the calibrated range (400 – 10’000 ppm) of the SCD30. Accuracy is fulfilled by > 90% of the sensors after calibration.
Rough handling, shipping and soldering reduces the accuracy of the sensor. Full accuracy is restored with FRC or ASC recalibration features. Accuracy is based
on tests with gas mixtures having a tolerance of ± 1.5%.
3
RMS error of consecutive measurements at constant conditions. Repeatability is fulfilled by > 90% of the sensors.
4
Average slope of CO2 accuracy when changing temperature, valid at 400 ppm. Fulfilled by > 90% of the sensors after calibration.
5
Time for achieving 63% of a respective step function. Response time depends on design-in, heat exchange and environment of the sensor in the final application.
6
CO2 concentrations < 400 ppm may result in sensor drifts when ASC is activated. For proper function of ASC field-calibration algorithm SCD30 has to be exposed
to air with CO2 concentration 400 ppm regularly.
7
Design-in of the SCD30 in final application and the environment impacts the accuracy of the RH/T sensor. Heat sources have to be considered for optimal
performance. Please use integrated on-board RH/T compensation algorithm to account for the actual design-in.
8
Deviation to a high-precision reference. Accuracy is fulfilled by > 90% of the sensors after calibration.
9
RH/T sensor component is capable of measuring up to T = 120°C. Measuring at T > 70°C might result in permanent damage of the sensor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com