Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD30SAMPLEEXT Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # SCD30SAMPLEEXT
Description  CO2, humidity, and temperature sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD30SAMPLEEXT Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  SCD30SAMPLEEXT Datasheet HTML 1Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 2Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 3Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 4Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 5Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 6Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 7Page - Sensirion AG Switzerland SCD30SAMPLEEXT Datasheet HTML 8Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.sensirion.com
Version 1.0 – D1 – May 2020
1/8
Datasheet Sensirion SCD30 Sensor Module
CO2, humidity, and temperature sensor
▪ NDIR CO2 sensor technology
▪ Integrated temperature and humidity sensor
▪ Best performance-to-price ratio
▪ Dual-channel detection for superior stability
▪ Small form factor: 35 mm x 23 mm x 7 mm
▪ Measurement range: 400 ppm – 10.000 ppm
▪ Accuracy: ±(30 ppm + 3%)
▪ Current consumption: 19 mA @ 1 meas. per 2 s.
▪ Fully calibrated and linearized
▪ Digital interface UART or I2C
Product Summary
CMOSens® Technology for IR detection enables carbon dioxide measurements of the highest accuracy at a
competitive price.
Along with the NDIR measurement technology for detecting CO2 comes a best-in-class Sensirion humidity and
temperature sensor integrated on the very same sensor module. Ambient humidity and temperature can be
measured by Sensirion’s algorithm expertise through modelling and compensating of external heat sources
without the need of any additional components. The very small module height allows easy integration into
different applications.
Carbon Dioxide is a key indicator for indoor air quality. Thanks to new energy standards and better insulation,
houses have become increasingly energy-efficient, but the air quality can deteriorate rapidly. Active ventilation
is needed to maintain a comfortable and healthy indoor environment and improve the well-being and productivity
of the inhabitants. Sensirion sensor solutions offer an accurate and stable monitoring of CO2 in the air, as well
as temperature and humidity. This enables our customers to develop new solutions that increase energy
efficiency and simultaneously support the well-being of everyone.
Content
1 Sensor Specifications
2
2 Package Outline Drawing
4
3 Pin-Out Diagram
5
4 Operation and Communication
5
5 Shipping Package
5
6 Ordering Information
5
7 Important Notices
7
8 Headquarters and Subsidiaries
8


Similar Part No. - SCD30SAMPLEEXT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SCD305K122C3Z25-F CDE-SCD305K122C3Z25-F Datasheet
297Kb / 2P
IGBT Snubber Capacitor Modules
SCD305K122C3Z25-F CDE-SCD305K122C3Z25-F Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
More results

Similar Description - SCD30SAMPLEEXT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
HUMIDITY AND TEMPERATURE SENSOR
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
E+E Elektronik Ges.m.b....
CDS201 EPLUSE-CDS201 Datasheet
1Mb / 9P
Room Sensor for CO2, Temperature and Relative Humidity
10-2023
EE240 EPLUSE-EE240 Datasheet
1Mb / 14P
Wireless Sensor Network for Humidity, Temperature and CO2
10-2023
EE850 EPLUSE-EE850 Datasheet
1Mb / 9P
CO2, Humidity and Temperature Duct Sensor
10-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com