Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTMMRD Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # FSTMMRD
Description  ST* OPTI-CRIMPFiber Optic Connector ??Pre-polished Crimp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FSTMMRD Datasheet(HTML) 1 Page - PANDUIT CORP.

  FSTMMRD Datasheet HTML 1Page - PANDUIT CORP. FSTMMRD Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Visit our website at: www .panduit.com/ncg
NETWORK CONNECTIVITY GROUP
SPEC SHEET
specifications
technical information
applications
ST* fiber optic connectors shall be compliant
with TIA FOCIS-2. ST* connectors shall
contain a factory terminated pre-polished
multimode fiber, requiring no field polishing
and no adhesive. The fiber shall terminate in a
2.5mm ferrule and have a typical insertion
loss of 0.3dB (62.5/125µm) or 0.35dB
(50/125µm) per connector.
ST*
OPTI-CRIMP ® Fiber Optic Connector — Pre-polished Crimp
®
The ST*
OPTI-CRIMP Fiber Optic Connector
improves an industry standard design.
Elimination of end face polishing and
adhesive provides for easier, faster
installation, especially in remote areas and
confined spaces. This reduces installation
time over standard field polish ST* connectors
by 50%. ST* Fiber Optic Connectors are
widely used in fiber optic backbone and
horizontal applications for high-speed data
transmissions.
*ST is a registered trademark of Lucent Technologies.
key features and benefits
Pre-polished fiber stub
Eliminates polishing steps, speeding installation
VFL verification during
Provides installer with a visual signal when optimal
crimp process
continuity is made and the crimp step can be performed
Mechanical crimp
Consistently provides higher than industry standard cable
cable retention
retention; requires no adhesive, speeding installation
Proven 2.5mm
Uses standard termination tools and procedures; provides
ceramic ferrules
strength and reliability
Robust design
Protects fibers from mechanical and environmental stress
FOCIS-2 compliant
Ensures intermatability with all FOCIS-2 compliant
components
Exceeds TIA/EIA-568-B.3
Network reliability assured as defined by TIA
Fiber compatibility:
62.5/125µm and 50/125µm multimode versions available
Fiber cable type:
Tight-buffered cable only (3.0mm jacketed or 900µm)
Ferrule type:
Zirconia ceramic with a pre-polished fiber stub
Insertion loss:
0.3dB typical (62.5/125µm), 0.35dB typical (50/125µm)
Return loss:
Greater than 20dB
ST* OPTI-CRIMP
Multimode Connectors
62.5/125µm
black boot:
FSTMMBL
62.5/125µm
red boot:
FSTMMRD
50/125µm
black boot:
FSTMM50BL
50/125µm
red boot:
FSTMM50RD
ST* Adapter Modules with
Phosphor Bronze Split Sleeve
Simplex:
CMST**
ST* Adapter Modules with
Zirconia Ceramic Split Sleeve
Simplex:
CMSTZ**
Multimode Patch Cords
and Pigtails
Duplex ST* to ST*:
F^D2-2M‡
Simplex ST* to ST*:
F^S2-2M‡
Simplex 900µm
buffered ST* pigtail: F^B2-NM‡
Duplex ST* to SC:
F^D2-3M‡
Duplex FJ ® plug
to ST*:
F^D6P-2M‡
^Available in 62.5/125µm (6) and 50/125µm (5).
‡Patch cords are available in 1, 2, 3, 5 and 10
meter lengths, and pigtails are available in 1, 2
and 3 meter lengths.
OPTI-CRIMP Termination Tooling
Termination kit:
FJMVKIT
To upgrade from FJKITG, purchase FJQCVR
fiber cleaver tool and FVFLKIT visual fault
locator kit.
To upgrade from FJMKIT, purchase FVFLKIT
visual fault locator kit.
Terminate on tight-buffered cable only.
Always use FVFL Visual Fault Locator
during termination.
installer tips
**Substitute for Colors:
EI = Electric Ivory
BU = Blue
BL = Black
IW = Off White
AW = Arctic White


Similar Part No. - FSTMMRD

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FSTMABL PANDUIT-FSTMABL Datasheet
176Kb / 1P
ST Fiber Optic Connectors ??Field Polish Termination
FSTMARD PANDUIT-FSTMARD Datasheet
176Kb / 1P
ST Fiber Optic Connectors ??Field Polish Termination
More results

Similar Description - FSTMMRD

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD7760-000-00708Z WINCHESTER-SD7760-000-00708Z Datasheet
121Kb / 1P
KIT-CONTACT W/ PRE-POLISHED FIBER FOR FIBER OPTIC CAMERA PLUG
SD7760-000-00709Z WINCHESTER-SD7760-000-00709Z Datasheet
121Kb / 1P
KIT-CONTACT W/ PRE-POLISHED FIBER FOR FIBER OPTIC CAMERA JACK
SD7760-000-00711Z WINCHESTER-SD7760-000-00711Z Datasheet
116Kb / 1P
PRE-POLISHED FIBER CONTACT KIT FOR FIBER OPTIC CAMERA JACK
logo
PHOENIX CONTACT
1607581 PHOENIX-1607581 Datasheet
156Kb / 3P
Crimp contact - ST-06KS020
1618464 PHOENIX-1618464 Datasheet
197Kb / 3P
Crimp contact - ST-10KS035
1607657 PHOENIX-1607657 Datasheet
52Kb / 3P
Crimp contact - ST-20KS010
1618458 PHOENIX-1618458 Datasheet
176Kb / 3P
Crimp contact - ST-10KP035
10/06/2021
logo
PANDUIT CORP.
NKFD1W12BUDSCZ PANDUIT-NKFD1W12BUDSCZ Datasheet
306Kb / 2P
NetKey 짰 Pre-Loaded Fiber Drawers
F52ERLNLNSNM001 PANDUIT-F52ERLNLNSNM001 Datasheet
198Kb / 2P
Opti-Core짰 Fiber Optic Patch Cords and Pigtails
4/2016
logo
Molex Electronics Ltd.
ATS-638191800 MOLEX-ATS-638191800 Datasheet
578Kb / 7P
Hand Crimp Tool For Mini Fit 짰 H20 Crimp Terminals
10-08-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com