Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTMMRD Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # FSTMMRD
Description  ST* OPTI-CRIMPFiber Optic Connector ??Pre-polished Crimp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FSTMMRD Datasheet(HTML) 2 Page - PANDUIT CORP.

  FSTMMRD Datasheet HTML 1Page - PANDUIT CORP. FSTMMRD Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST*
OPTI-CRIMP ® Fiber Optic Connector — Pre-polished Crimp
Standar ds Compliant Connector P erf ormance
TIA
455
Description
Test Procedure and
TIA/EIA-568-B.3 Required Performance
Typical Performance
1
Flex
Apply 1.1lb. (jacketed) or .5lb (buffered) load thru 180° for 100 cycles;
0.75dB maximum insertion loss
< 0.1dB additional loss
2
Impact
8 drops from 1.8m
0.75dB maximum insertion loss
< 0.1dB additional loss
4
High Temperature
60°C for 4 days;
0.75dB maximum insertion loss
< 0.1dB additional loss
21
Durability
Mate/unmate connectors (500 cycles)
0.75dB maximum insertion loss
< 0.1dB additional loss
36
Twist
Apply 3.4lb (jacketed) 0.5lb (buffered) load, 10 cycles from +90° to -90°;
0.75dB maximum insertion loss
< 0.1dB additional loss
185
Coupling Strength
Pull plug from jack, 7.4lb load for 5 seconds at 0°;
0.75db maximum insertion loss
< 0.1dB additional loss
188
Low Temperature
0°C for 4 days; <0.3dB additional loss
0.75dB maximum insertion loss
< 0.1dB additional loss
34
Insertion Loss
0.75dB maximum insertion loss
0.3dB typical (62.5/125µm),
0.35dB typical (50/125µm)
107
Return Loss
20dB minimum
>20dB
5
Humidity
40°at 95% RH for 4 days;<0.4dB additional loss
0.75dB maximum. insertion loss
< 0.1dB additional loss
6
Cable Retention
(Buffered)
(Jacketed)
Apply 11.24 lbs. (jacketed) or 0.5lb (buffered) load for 5 seconds, 0° angle;
4.4lb (jacketed) 0.5lb (buffered) at 90°<0.5dB additional loss 0.75dB
maximum insertion loss
< 0.1dB additional loss
NOTE: Multimode tests performed at 850 and 1300nm.
2.04
[51.81]
2.36
[59.94]
3mm Boot
900µm Boot
Dimensions are in inches (Dimensions in brackets are in millimeters)
PANDUIT CORP.
Tinley Park, Illinois 60477-3091
Customer Service: 800-777-3300
Technical Support: 866-405-6654
Email: ncginfo@panduit.com
Website: www.panduit.com/ncg
PANDUIT CANADA
Markham, Ontario
Phone: 800-777-3300
PANDUIT EUROPE LTD.
London, UK
Phone: 44 208-601-7200
PANDUIT JAPAN
Tokyo, Japan
Phone: (81) (3) 3767-7011
PANDUIT ASIA PACIFIC PTE. LTD.
Republic of Singapore
Phone: (65) 6379 6700
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
Phone: (61) 3-9794 9020
PANDUIT LATIN AMERICA
Jalisco, Mexico
Phone: (52) (333) 666-2501
NETWORK CONNECTIVITY GROUP
Contact your local authorized
PANDUIT
distributor for pricing. For your local
Sales Office call 800-777-3300
For a copy of
PANDUIT product warranties,
log on to www.panduit.com/warranty
For a full line catalog (SA-NC10CB01A), email us at
csteam@panduit.com or call Customer Service at 800-777-3300.
WW-FBSP04
07/2003
©
PANDUIT Corp. 2003
ALL RIGHTS RESERVED
Printed in U.S.A.
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
*ST is a registered trademark of Lucent Technologies.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com