Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89537APF Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB89537APF
Description  8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89537APF Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB89537APF Datasheet HTML 9Page - fujitsu semiconductor MB89537APF Datasheet HTML 10Page - fujitsu semiconductor MB89537APF Datasheet HTML 11Page - fujitsu semiconductor MB89537APF Datasheet HTML 12Page - fujitsu semiconductor MB89537APF Datasheet HTML 13Page - fujitsu semiconductor MB89537APF Datasheet HTML 14Page - fujitsu semiconductor MB89537APF Datasheet HTML 15Page - fujitsu semiconductor MB89537APF Datasheet HTML 16Page - fujitsu semiconductor MB89537APF Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
MB89530A Series
13
External EPROM Socket Pin Function Descriptions (MB89PV530 only)
*1 : MDP-64C-P02
*2 : MQP-64C-P01
Pin no.
Pin name
I/O Circuit
type
Function
MDIP*1
MQFP*2
65
66
67
68
69
70
71
72
73
74
66
67
68
69
70
71
72
73
74
75
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O
Address output pins.
75
76
77
77
78
79
O1
O2
O3
I
Data input pins
78
80
VSS
O
Power supply pin (GND) .
79
80
81
82
83
82
83
84
85
86
O4
O5
O6
O7
O8
I
Data input pins.
84
87
CE
O
ROM chip enable pin.
Outputs an “H” level signal in standby mode.
85
88
A10
O
Address output pin.
86
89
OE
O
ROM output enable pin.
Outputs “L” at all times.
87
88
89
91
92
93
A11
A9
A8
O
Address output pins.
90
94
A13
O
91
95
A14
O
92
96
VCC
O
EPROM power supply pin.
65
76
81
90
N.C.
O
Internally connected.
These pins always left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com