Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89537APF Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB89537APF
Description  8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89537APF Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB89537APF Datasheet HTML 17Page - fujitsu semiconductor MB89537APF Datasheet HTML 18Page - fujitsu semiconductor MB89537APF Datasheet HTML 19Page - fujitsu semiconductor MB89537APF Datasheet HTML 20Page - fujitsu semiconductor MB89537APF Datasheet HTML 21Page - fujitsu semiconductor MB89537APF Datasheet HTML 22Page - fujitsu semiconductor MB89537APF Datasheet HTML 23Page - fujitsu semiconductor MB89537APF Datasheet HTML 24Page - fujitsu semiconductor MB89537APF Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
MB89530A Series
21
•••• Recommended screening conditions
Before one-time writing of microcontroller programs to PROM, high temperature aging is recommended as a
screening process for chips before they are mounted.
•••• About writing yields
The nature of chips before one-time writing of microcontroller programs to PROM prevents the use of all-bit
writing tests. Therefore it is not possible to guarantee writing yields of 100% in some cases.
Program, verify
High temperature aging
+150 °C, 48 h
Read
Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com