Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS17 Datasheet(PDF) 4 Page - Texas Instruments

Part # MS17
Description  HEX SCHMITT-TRIGGER BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MS17 Datasheet(HTML) 4 Page - Texas Instruments

  MS17 Datasheet HTML 1Page - Texas Instruments MS17 Datasheet HTML 2Page - Texas Instruments MS17 Datasheet HTML 3Page - Texas Instruments MS17 Datasheet HTML 4Page - Texas Instruments MS17 Datasheet HTML 5Page - Texas Instruments MS17 Datasheet HTML 6Page - Texas Instruments MS17 Datasheet HTML 7Page - Texas Instruments MS17 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.ti.com
Operating Characteristics
SN74AUC17
HEX SCHMITT-TRIGGER BUFFER
SCES497A – OCTOBER 2003 – REVISED MARCH 2005
T
A = 25°C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Power dissipation
Cpd
f = 10 MHz
18
19
19
20
22
pF
capacitance
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com