Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS17 Datasheet(PDF) 1 Page - Texas Instruments

Part # MS17
Description  HEX SCHMITT-TRIGGER BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MS17 Datasheet(HTML) 1 Page - Texas Instruments

  MS17 Datasheet HTML 1Page - Texas Instruments MS17 Datasheet HTML 2Page - Texas Instruments MS17 Datasheet HTML 3Page - Texas Instruments MS17 Datasheet HTML 4Page - Texas Instruments MS17 Datasheet HTML 5Page - Texas Instruments MS17 Datasheet HTML 6Page - Texas Instruments MS17 Datasheet HTML 7Page - Texas Instruments MS17 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.ti.com
FEATURES
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
DESCRIPTION/ORDERING INFORMATION
A
Y
SN74AUC17
HEX SCHMITT-TRIGGER BUFFER
SCES497A – OCTOBER 2003 – REVISED MARCH 2005
•
Optimized for 1.8-V Operation and Is 3.6-V I/O
Tolerant to Support Mixed-Mode Signal
Operation
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Sub-1-V Operable
•
Max tpd of 1.8 ns at 1.8 V
•
Low Power Consumption, 10-
µA Max I
CC
•
±8-mA Output Drive at 1.8 V
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This hex Schmitt-trigger buffer is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to
1.95-V VCC operation.
The SN74AUC17 contains six independent buffers and performs the Boolean function Y = A. The device
functions as six independent buffers, but because of Schmitt action, it may have different input threshold levels
for positive-going (VT+) and negative-going (VT–) signals.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
QFN – RGY
Tape and reel
SN74AUC17RGYR
MS17
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(EACH INVERTER)
INPUT
OUTPUT
A
Y
H
H
L
L
LOGIC DIAGRAM, EACH BUFFER (POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MS17

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MS17 MOSPEC-MS17 Datasheet
129Kb / 2P
Surface Mount Schottky Barrier rectifiers
logo
EMP-Centauri s.r.o.
MS1710ECP-4 EMP-CENTAURI-MS1710ECP-4 Datasheet
536Kb / 1P
Multiswitch 17in / 10out
MS1710ECU-4 EMP-CENTAURI-MS1710ECU-4 Datasheet
193Kb / 2P
Multiswitch 17in / 10out
MS1710NEU-4 EMP-CENTAURI-MS1710NEU-4 Datasheet
556Kb / 1P
EoC Multiswitch 17in / 10out
MS1712ECP-12 EMP-CENTAURI-MS1712ECP-12 Datasheet
579Kb / 1P
Multiswitch 17in / 12out
More results

Similar Description - MS17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
Hex Schmitt Trigger
October, 2006 ??Rev. 7
logo
Unisonic Technologies
U74LVC17A UTC-U74LVC17A Datasheet
159Kb / 5P
HEX SCHMITT-TRIGGER BUFFER
U74LVC17A UTC-U74LVC17A_15 Datasheet
171Kb / 6P
HEX SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Unisonic Technologies
U74LVC17A UTC-U74LVC17A_V01 Datasheet
199Kb / 5P
HEX SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AHCT17A NEXPERIA-74AHCT17A Datasheet
181Kb / 13P
Hex buffer Schmitt trigger
74AHCV17A NEXPERIA-74AHCV17A Datasheet
739Kb / 14P
Hex buffer Schmitt trigger
74LV17A NEXPERIA-74LV17A Datasheet
189Kb / 14P
Hex buffer Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com